Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 9Page - Texas Instruments TMS570LS1114 Datasheet HTML 10Page - Texas Instruments TMS570LS1114 Datasheet HTML 11Page - Texas Instruments TMS570LS1114 Datasheet HTML 12Page - Texas Instruments TMS570LS1114 Datasheet HTML 13Page - Texas Instruments TMS570LS1114 Datasheet HTML 14Page - Texas Instruments TMS570LS1114 Datasheet HTML 15Page - Texas Instruments TMS570LS1114 Datasheet HTML 16Page - Texas Instruments TMS570LS1114 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3.1.2
Enhanced High-End Timer Modules (N2HET)
Table 4-2. PGE Enhanced High-End Timer Modules (N2HET)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
N2HET1[0]/SPI4CLK/EPWM2B
25
I/O
Pull Down
Programmable,
N2HET1
time
input
20 µA
N2HET1[1]/SPI4NENA/N2HET2[8]/EQEP2A
23
capture
or
output
compare, or GIO.
N2HET1[2]/SPI4SIMO[0]/EPWM3A
30
Each
terminal
has
a
N2HET1[3]/SPI4NCS[0]/N2HET2[10]/EQEP2B
24
suppression filter with a
N2HET1[4]/EPWM4B
36
programmable duration.
N2HET1[5]/SPI4SOMI[0]/N2HET2[12]/EPWM3B
31
N2HET1[6]/SCIRX/EPWM5A
38
N2HET1[7]/N2HET2[14]/EPWM7B
33
N2HET1[8]/MIBSPI1SIMO[1]
106
N2HET1[9]/N2HET2[16]/EPWM7A
35
N2HET1[10]/nTZ3
118
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]/ EPWM1SYNCO
6
N2HET1[12]
124
N2HET1[13]/SCITX/EPWM5B
39
N2HET1[14]
125
N2HET1[15]/MIBSPI1NCS[4]/ECAP1
41
N2HET1[16]/EPWM1SYNCI/EPWM1SYNCO
139
MIBSPI1NCS[1]/N2HET1[17]/EQEP1S
130
Pull Up
N2HET1[18]/EPWM6A
140
Pull Down
MIBSPI1NCS[2]/N2HET1[19]
40
Pull Up
N2HET1[20]/EPWM6B
141
Pull Down
N2HET1[22]
15
MIBSPI1NENA/N2HET1[23]/ECAP4
96
Pull Up
N2HET1[24]/MIBSPI1NCS[5]
91
Pull Down
MIBSPI3NCS[1]/N2HET1[25]/MDCLK
37
Pull Up
N2HET1[26]
92
Pull Down
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]/nTZ2
4
Pull Up
N2HET1[28]
107
Pull Down
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]/nTZ1
3
Pull Up
N2HET1[30]/EQEP2S
127
Pull Down
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]/EQEP1B
54
Pull Up
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
13
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com