Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 80Page - Texas Instruments TMS570LS1114 Datasheet HTML 81Page - Texas Instruments TMS570LS1114 Datasheet HTML 82Page - Texas Instruments TMS570LS1114 Datasheet HTML 83Page - Texas Instruments TMS570LS1114 Datasheet HTML 84Page - Texas Instruments TMS570LS1114 Datasheet HTML 85Page - Texas Instruments TMS570LS1114 Datasheet HTML 86Page - Texas Instruments TMS570LS1114 Datasheet HTML 87Page - Texas Instruments TMS570LS1114 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 169 page
background image
EMIF_nCS[3:2]
25
Asserted
2
2
EMIF_BA[1:0]
EMIF_ADDR[12:0]
EMIF_DATA[15:0]
EMIF_nWE
EMIF_WAIT
SETUP
Extended Due to EMIF_WAIT
28
Deasserted
STROBE
STROBE HOLD
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Figure 6-15. EMIFnWAIT Write Timing Requirements
Table 6-27. EMIF Asynchronous Memory Timing Requirements(1)
NO.
Value
Unit
MIN
NOM
MAX
Reads and Writes
E
EMIF clock period
11
ns
2
tw(EM_WAIT)
Pulse duration, EMIF_nWAIT
2E
ns
assertion and deassertion
Reads
12
tsu(EMDV-EMOEH)
Setup time, EMIF_DATA[15:0]
9
ns
valid before EMIFnOE high
13
th(EMOEH-EMDIV)
Hold time, EMIF_DATA[15:0]
0
ns
valid after EMIF_nOE high
14
tsu(EMOEL-EMWAIT)
Setup Time, EMIF_nWAIT
4E+9
ns
asserted before end of Strobe
Phase(2)
Writes
28
tsu(EMWEL-EMWAIT)
Setup Time, EMIF_nWAIT
4E+14
ns
asserted before end of Strobe
Phase(2)
(1)
E = EMIF_CLK period in ns.
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EMIFnWAIT must be asserted to add extended
wait states. Figure 6-13 and Figure 6-15 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
84
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com