Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 63Page - Texas Instruments TMS570LS1114 Datasheet HTML 64Page - Texas Instruments TMS570LS1114 Datasheet HTML 65Page - Texas Instruments TMS570LS1114 Datasheet HTML 66Page - Texas Instruments TMS570LS1114 Datasheet HTML 67Page - Texas Instruments TMS570LS1114 Datasheet HTML 68Page - Texas Instruments TMS570LS1114 Datasheet HTML 69Page - Texas Instruments TMS570LS1114 Datasheet HTML 70Page - Texas Instruments TMS570LS1114 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 6-15. DCC1 Counter 0 Clock Sources (continued)
CLOCK SOURCE [3:0]
CLOCK NAME
0xA
test clock (TCK)
Table 6-16. DCC1 Counter 1 Clock Sources
KEY [3:0]
CLOCK SOURCE [3:0]
CLOCK NAME
others
-
N2HET1[31]
0x0
Main PLL free-running clock output
0x1
PLL #2 free-running clock output
0x2
low frequency LPO
0xA
0x3
high frequency LPO
0x4
reserved
0x5
EXTCLKIN1
0x6
EXTCLKIN2
0x7
reserved
0x8 - 0xF
VCLK
Table 6-17. DCC2 Counter 0 Clock Sources
CLOCK SOURCE [3:0]
CLOCK NAME
others
oscillator (OSCIN)
0xA
test clock (TCK)
Table 6-18. DCC2 Counter 1 Clock Sources
KEY [3:0]
CLOCK SOURCE [3:0]
CLOCK NAME
others
-
N2HET2[0]
0xA
00x0 - 0x7
Reserved
0x8 - 0xF
VCLK
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
67
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com