Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 61Page - Texas Instruments TMS570LS1114 Datasheet HTML 62Page - Texas Instruments TMS570LS1114 Datasheet HTML 63Page - Texas Instruments TMS570LS1114 Datasheet HTML 64Page - Texas Instruments TMS570LS1114 Datasheet HTML 65Page - Texas Instruments TMS570LS1114 Datasheet HTML 66Page - Texas Instruments TMS570LS1114 Datasheet HTML 67Page - Texas Instruments TMS570LS1114 Datasheet HTML 68Page - Texas Instruments TMS570LS1114 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
6.6.3
Clock Test Mode
The RM4x platform architecture defines a special mode that allows various clock signals to be brought out
on to the ECLK pin and N2HET1[12] device outputs. This mode is called the Clock Test mode. It is very
useful for debugging purposes and can be configured through the CLKTEST register in the system
module.
Table 6-14. Clock Test Mode Options
SEL_ECP_PIN
SEL_GIO_PIN
=
SIGNAL ON ECLK
=
SIGNAL ON N2HET1[12]
CLKTEST[3-0]
CLKTEST[11-8]
0000
Oscillator
0000
Oscillator Valid Status
0001
Main PLL free-running clock output
0001
Main PLL Valid status
0010
Reserved
0010
Reserved
0011
EXTCLKIN1
0011
Reserved
0100
LFLPO
0100
Reserved
0101
HFLPO
0101
HFLPO Valid status
0110
Secondary PLL free-running clock output
0110
Secondary PLL Valid Status
0111
EXTCLKIN2
0111
Reserved
1000
GCLK
1000
LFLPO
1001
RTI Base
1001
Oscillator Valid status
1010
Reserved
1010
Oscillator Valid status
1011
VCLKA1
1011
Oscillator Valid status
1100
VCLKA2
1100
Oscillator Valid status
1101
Reserved
1101
Reserved
1110
VCLKA4_DIVR
1110
VCLKA4_S
1111
Reserved
1111
Oscillator Valid status
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
65
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com