Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 81Page - Texas Instruments TMS570LS1114 Datasheet HTML 82Page - Texas Instruments TMS570LS1114 Datasheet HTML 83Page - Texas Instruments TMS570LS1114 Datasheet HTML 84Page - Texas Instruments TMS570LS1114 Datasheet HTML 85Page - Texas Instruments TMS570LS1114 Datasheet HTML 86Page - Texas Instruments TMS570LS1114 Datasheet HTML 87Page - Texas Instruments TMS570LS1114 Datasheet HTML 88Page - Texas Instruments TMS570LS1114 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 6-28. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3)
NO
PARAMETER
Value
UNIT
MIN
NOM
MAX
Reads and Writes
1
td(TURNAROUND)
Turnaround time
(TA)*E - 4
(TA)*E
(TA)*E + 3
ns
Reads
3
tc(EMRCYCLE)
EMIF read cycle time (EW = 0)
(RS+RST+RH)*
(RS+RST+RH)*
(RS+RST+RH)*
ns
E -3
E
E + 3
EMIF read cycle time (EW = 1)
(RS+RST+RH+( (RS+RST+RH+( (RS+RST+RH+(
ns
EWC*16))*E -3
EWC*16))*E
EWC*16))*E +
3
4
tsu(EMCEL-EMOEL)
Output setup time,
(RS)*E-6
(RS)*E
(RS)*E+3
ns
EMIF_nCS[4:2] low to
EMIF_nOE low (SS = 0)
Output setup time,
-6
0
+3
ns
EMIF_nCS[4:2] low to
EMIF_nOE low (SS = 1)
5
th(EMOEH-EMCEH)
Output hold time, EMIF_nOE
(RH)*E -3
(RH)*E
(RH)*E + 5
ns
high to EMIF_nCS[4:2] high (SS
= 0)
Output hold time, EMIF_nOE
-3
0
+5
ns
high to EMIF_nCS[4:2] high (SS
= 1)
6
tsu(EMBAV-EMOEL)
Output setup time,
(RS)*E-6
(RS)*E
(RS)*E+3
ns
EMIF_BA[1:0] valid to
EMIF_nOE low
7
th(EMOEH-EMBAIV)
Output hold time, EMIF_nOE
(RH)*E-3
(RH)*E
(RH)*E+5
ns
high to EMIF_BA[1:0] invalid
8
tsu(EMAV-EMOEL)
Output setup time,
(RS)*E-6
(RS)*E
(RS)*E+3
ns
EMIF_ADDR[12:0] valid to
EMIFnOE low
9
th(EMOEH-EMAIV)
Output hold time, EMIF_nOE
(RH)*E-3
(RH)*E
(RH)*E+5
ns
high to EMIF_ADDR[12:0]
invalid
10
tw(EMOEL)
EMIF_nOE active low width (EW
(RST)*E-3
(RST)*E
(RST)*E+3
ns
= 0)
EMIF_nOE active low width (EW
(RST+(EWC*16
(RST+(EWC*16
(RST+(EWC*16
ns
= 1)
)) *E-3
))*E
)) *E+3
11
td(EMWAITH-EMOEH)
Delay time from EMIF_nWAIT
3E+9
4E
4E+20
ns
deasserted to EMIF_nOE high
29
tsu(EMDQMV-EMOEL)
Output setup time,
(RS)*E-6
(RS)*E
(RS)*E+3
ns
EMIF_nDQM[1:0] valid to
EMIF_nOE low
30
th(EMOEH-EMDQMIV)
Output hold time, EMIF_nOE
(RH)*E-3
(RH)*E
(RH)*E+5
ns
high to EMIF_nDQM[1:0] invalid
Writes
15
tc(EMWCYCLE)
EMIF write cycle time (EW = 0)
(WS+WST+WH
(WS+WST+WH
(WS+WST+WH
ns
)* E-3
)*E
)* E+3
EMIF write cycle time (EW = 1)
(WS+WST+WH
(WS+WST+WH
(WS+WST+WH
ns
+( EWC*16))*E
+(E WC*16))*E
+( EWC*16))*E
-3
+ 3
(1)
TA = Turnaround, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold,
MEWC = Maximum external wait cycles. These parameters are programmed through the Asynchronous Bank and Asynchronous Wait
Cycle Configuration Registers. These support the following ranges of values: TA[4–1], RS[16–1], RST[64–1], RH[8–1], WS[16–1],
WST[64–1], WH[8–1], and MEWC[1–256]. See the TMS570LS12x/11x Technical Reference Manual (SPNU515) for more information.
(2)
E = EMIF_CLK period in ns.
(3)
EWC = external wait cycles determined by EMIF_nWAIT input signal. EWC supports the following range of values. EWC[256–1]. Note
that the maximum wait time before timeout is specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register. See
the TMS570LS12x/11x Technical Reference Manual (SPNU515) for more information.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
85
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com