Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 2Page - Texas Instruments TMS570LS1114 Datasheet HTML 3Page - Texas Instruments TMS570LS1114 Datasheet HTML 4Page - Texas Instruments TMS570LS1114 Datasheet HTML 5Page - Texas Instruments TMS570LS1114 Datasheet HTML 6Page - Texas Instruments TMS570LS1114 Datasheet HTML 7Page - Texas Instruments TMS570LS1114 Datasheet HTML 8Page - Texas Instruments TMS570LS1114 Datasheet HTML 9Page - Texas Instruments TMS570LS1114 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
2
Revision History
This data manual revision history highlights the technical changes made to the SPNS188A device-specific
data manual addendum to make it an SPNS188B revision.
Scope: Applicable updates to the Hercules™ TMS570 MCU device family, specifically relating to the
TMS570LS1114 devices, which are now in the production data (PD) stage of development have been
incorporated.
Changes from September 1, 2013 to February 28, 2015 (from A Revision (September 2013) to B Revision)
Page
•
Updated/Changed section title to "Device Overview"
........................................................................... 1
•
Updated/changed the N2HET feature
............................................................................................. 1
•
Added Table 1-1, Device Information
.............................................................................................. 3
•
Added Section 3, Device Comparison
............................................................................................. 8
•
Updated/Changed section title to "Terminal Configuration and Functions"
................................................... 9
•
Table 4-2 (PGE Enhanced High-End Timer Modules (N2HET)) Updated/Changed N2HET1 time input capture or
output compare pin description
.................................................................................................... 13
•
Table 4-2 Updated/Changed N2HET2 time input capture or output compare pin description
............................ 14
•
Table 4-5Updated/Changed the EPWM1SYNCI Signal Type from "Output" to "Input"
.................................... 15
•
Table 4-5Updated/Changed the EPWM1SYNCI pin description from "Output" to "Input"
................................. 15
•
Table 4-15 (PGE Test and Debug Modules Interface): Updated/Changed TEST pin description
........................ 20
•
Table 4-21 (ZWT Enhanced High-End Timer Modules (N2HET)) Updated/Changed N2HET1 time input capture
or output compare pin description
................................................................................................ 24
•
Table 4-21 Updated/Changed N2HET2 time input capture or output compare pin description
.......................... 25
•
Updated/Changed the EPWM1SYNCI pin description from "Output" to "Input"
............................................ 27
•
Table 4-32 (External Memory Interface (EMIF)): Global: Deleted EMIF_RNW pin function.
.............................. 32
•
Table 4-35 (ZWT Test and Debug Modules Interface): Updated/Changed TEST pin description
....................... 35
•
Table 4-37 Changed six BGA balls from NC to Reserved
..................................................................... 35
•
Updated/Changed section title to "Specifications"
............................................................................. 41
•
Moved Storage temperature range, Tstg back to Section 5.1, Absolute Maximum Ratings Over Operating Free-
Air Temperature Range
............................................................................................................ 41
•
Added Section 5.2, Handling Ratings (Automotive)
............................................................................ 41
•
Added Section 5.3, Power-On-Hours (POH)
.................................................................................... 41
•
Moved Thermal Data section here.
............................................................................................... 45
•
Section 5.9 (Thermal Resistance Characteristics): Updated/Changed title from "Thermal Data" to "Thermal
Resistance Characteristics"
........................................................................................................ 45
•
Added
ΘJA test conditions and added ΨJT for PGE package.................................................................. 45
•
Added
ΘJA test conditions and added ΨJT for ZWT package.................................................................. 45
•
Clarified impact of SPI2PC9 register on drive strength of SPI2SOMI pin
.................................................. 47
•
Changed the number of cycles of tv(RST) from 2252 to 2256................................................................... 54
•
Section 6.9.1 (Memory Map Diagram): Updated/Changed memory map (Figure 6-10
.................................... 69
•
Table 6-22 (Flash Memory Banks and Sectors): Updated/Changed the BANK 0 Sector No. to support 1MB Flash
.. 75
•
Table 6-22: Added associated footnotes
........................................................................................ 75
•
Figure 6-11 (TCRAM Block Diagram): Updated/Changed figure
............................................................. 78
•
Added table notes identifying address ranges of ESRAM PBIST groups
................................................... 80
•
Updated/Changed N2HET2 RAM ending address from "0xFF57FFFF" to "0xFF45FFFF" in Table 6-26, Memory
Initialization
.......................................................................................................................... 81
•
Updated EMIF Timings
............................................................................................................ 82
•
Changed maximum addressable size of asynchronous memories from 16MB to 32KB
.................................. 82
•
Updated/Changed the EMIF address bus signals from "EMIF_ADDR[21:0]" to "EMIF_ADDR[12:0]" for all figures
in Section 6.14.2, Electrical and Timing Specifications
........................................................................ 82
•
Updated/Changed EMIF address from "EMIF_ADDR[21:0]" to "EMIF_ADDR[12:0]"
...................................... 82
•
Added "E = EMIF_CLK period in ns." footnote
.................................................................................. 84
•
Added MIN value to EMIF clock period in Table 6-27, EMIF Asynchronous Memory Timing Requirements
........... 84
•
Changed EMIF tsu(EMDV-EMOEH) from 30nS to 9nS................................................................................ 84
•
Changed EMIF th(EMOEH-EMDIV) from 0.5nS to 0nS ............................................................................... 84
•
Changed EMIF tsu(EMOEL-EMWAIT) from 4E+30nS to 4E+9nS .................................................................... 84
•
Changed EMIF tsu(EMWEL-EMWAIT) from 4E+30nS to 4E+14nS................................................................... 84
•
Changed EMIF tsu(EMCEL-EMOEL) from (RS)*E-5 to (RS)*E-6..................................................................... 85
6
Revision History
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com