Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 78Page - Texas Instruments TMS570LS1114 Datasheet HTML 79Page - Texas Instruments TMS570LS1114 Datasheet HTML 80Page - Texas Instruments TMS570LS1114 Datasheet HTML 81Page - Texas Instruments TMS570LS1114 Datasheet HTML 82Page - Texas Instruments TMS570LS1114 Datasheet HTML 83Page - Texas Instruments TMS570LS1114 Datasheet HTML 84Page - Texas Instruments TMS570LS1114 Datasheet HTML 85Page - Texas Instruments TMS570LS1114 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 169 page
background image
EMIF_nCS[3:2]
EMIF_BA[1:0]
13
12
EMIF_ADDR[12:0]
EMIF_nOE
EMIF_DATA[15:0]
EMIF_nWE
10
5
9
7
4
8
6
3
1
EMIF_nDQM[1:0]
30
29
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
6.14 External Memory Interface (EMIF)
6.14.1 Features
The EMIF includes many features to enhance the ease and flexibility of connecting to external
asynchronous memories or SDRAM devices. The EMIF features includes support for:
•
3 addressable chip select for asynchronous memories of up to 32KB each
•
1 addressable chip select space for SDRAMs up to 128MB
•
8 or 16-bit data bus width
•
Programmable cycle timings such as setup, strobe, and hold times as well as turnaround time
•
Select strobe mode
•
Extended Wait mode
•
Data bus parking
6.14.2 Electrical and Timing Specifications
6.14.2.1 Asynchronous RAM
Figure 6-12. Asynchronous Memory Read Timing
82
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com