Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 24Page - Texas Instruments TMS570LS1114 Datasheet HTML 25Page - Texas Instruments TMS570LS1114 Datasheet HTML 26Page - Texas Instruments TMS570LS1114 Datasheet HTML 27Page - Texas Instruments TMS570LS1114 Datasheet HTML 28Page - Texas Instruments TMS570LS1114 Datasheet HTML 29Page - Texas Instruments TMS570LS1114 Datasheet HTML 30Page - Texas Instruments TMS570LS1114 Datasheet HTML 31Page - Texas Instruments TMS570LS1114 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
4.3.2.6
General-Purpose Input / Output (GPIO)
Table 4-25. ZWT General-Purpose Input / Output (GPIO)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
GIOA[0]
A5
I/O
Pull Down
Programmable,
General-purpose I/O.
20 µA
All GPIO terminals are
GIOA[1]
C2
capable of generating
GIOA[2]/N2HET2[0] /EQEP2I
C1
interrupts to the CPU on
rising / falling / both
GIOA[3]/N2HET2[2]
E1
edges.
GIOA[4]
A6
GIOA[5]/EXTCLKIN/EPWM1A/N2HET1_PIN_nDIS
B5
GIOA[6]/N2HET2[4]/EPWM1B
H3
GIOA[7]/N2HET2[6]/EPWM2A
M1
GIOB[0]
M2
GIOB[1]
K2
GIOB[2]
F2
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
V10(1)
EQEP1I/N2HET2_PIN_nDIS
GIOB[3]
W10
GIOB[4]
G1
GIOB[5]
G2
GIOB[6]
J2
GIOB[7]
F1
(1)
GIOB[2] cannot output a level on to terminal V10. Only the input functionality is supported so that the application can generate an
interrupt whenever the N2HET2_PIN_nDIS is asserted (driven low). Also, a pull up is enabled on the input. This is not programmable
using the GIO module control registers.
28
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com