Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 91Page - Texas Instruments TMS570LS1114 Datasheet HTML 92Page - Texas Instruments TMS570LS1114 Datasheet HTML 93Page - Texas Instruments TMS570LS1114 Datasheet HTML 94Page - Texas Instruments TMS570LS1114 Datasheet HTML 95Page - Texas Instruments TMS570LS1114 Datasheet HTML 96Page - Texas Instruments TMS570LS1114 Datasheet HTML 97Page - Texas Instruments TMS570LS1114 Datasheet HTML 98Page - Texas Instruments TMS570LS1114 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
6.16.2 Default DMA Request Map
The DMA module on this microcontroller has 16 channels and up to 32 hardware DMA requests. The
module contains DREQASIx registers which are used to map the DMA requests to the DMA channels. By
default, channel 0 is mapped to request 0, channel 1 to request 1, and so on.
Some DMA requests have multiple sources, as shown in Table 6-32. The application must ensure that
only one of these DMA request sources is enabled at any time.
Table 6-32. DMA Request Line Connection
Modules
DMA Request Sources
DMA Request
MIBSPI1
MIBSPI1[1](1)
DMAREQ[0]
MIBSPI1
MIBSPI1[0](2)
DMAREQ[1]
SPI2
SPI2 receive
DMAREQ[2]
SPI2
SPI2 transmit
DMAREQ[3]
MIBSPI1 / MIBSPI3 / DCAN2
MIBSPI1[2] / MIBSPI3[2] / DCAN2 IF3
DMAREQ[4]
MIBSPI1 / MIBSPI3 / DCAN2
MIBSPI1[3] / MIBSPI3[3] / DCAN2 IF2
DMAREQ[5]
DCAN1 / MIBSPI5
DCAN1 IF2 / MIBSPI5[2]
DMAREQ[6]
MIBADC1 / MIBSPI5
MIBADC1 event / MIBSPI5[3]
DMAREQ[7]
MIBSPI1 / MIBSPI3 / DCAN1
MIBSPI1[4] / MIBSPI3[4] / DCAN1 IF1
DMAREQ[8]
MIBSPI1 / MIBSPI3 / DCAN2
MIBSPI1[5] / MIBSPI3[5] / DCAN2 IF1
DMAREQ[9]
MIBADC1 / I2C / MIBSPI5
MIBADC1 G1 / I2C receive / MIBSPI5[4]
DMAREQ[10]
MIBADC1 / I2C / MIBSPI5
MIBADC1 G2 / I2C transmit / MIBSPI5[5]
DMAREQ[11]
RTI / MIBSPI1 / MIBSPI3
RTI DMAREQ0 / MIBSPI1[6] / MIBSPI3[6]
DMAREQ[12]
RTI / MIBSPI1 / MIBSPI3
RTI DMAREQ1 / MIBSPI1[7] / MIBSPI3[7]
DMAREQ[13]
MIBSPI3 / MibADC2 / MIBSPI5
MIBSPI3[1](1) / MibADC2 event / MIBSPI5[6]
DMAREQ[14]
MIBSPI3 / MIBSPI5
MIBSPI3[0](2) / MIBSPI5[7]
DMAREQ[15]
MIBSPI1 / MIBSPI3 / DCAN1 / MibADC2
MIBSPI1[8] / MIBSPI3[8] / DCAN1 IF3 / MibADC2 G1
DMAREQ[16]
MIBSPI1 / MIBSPI3 / DCAN3 / MibADC2
MIBSPI1[9] / MIBSPI3[9] / DCAN3 IF1 / MibADC2 G2
DMAREQ[17]
RTI / MIBSPI5
RTI DMAREQ2 / MIBSPI5[8]
DMAREQ[18]
RTI / MIBSPI5
RTI DMAREQ3 / MIBSPI5[9]
DMAREQ[19]
N2HET1 / N2HET2 / DCAN3
N2HET1 DMAREQ[4] / N2HET2 DMAREQ[4] / DCAN3
DMAREQ[20]
IF2
N2HET1 / N2HET2 / DCAN3
N2HET1 DMAREQ[5] / N2HET2 DMAREQ[5] / DCAN3
DMAREQ[21]
IF3
MIBSPI1 / MIBSPI3 / MIBSPI5
MIBSPI1[10] / MIBSPI3[10] / MIBSPI5[10]
DMAREQ[22]
MIBSPI1 / MIBSPI3 / MIBSPI5
MIBSPI1[11] / MIBSPI3[11] / MIBSPI5[11]
DMAREQ[23]
N2HET1 / N2HET2 / SPI4 / MIBSPI5
N2HET1 DMAREQ[6] / N2HET2 DMAREQ[6] / SPI4
DMAREQ[24]
receive / MIBSPI5[12]
N2HET1 / N2HET2 / SPI4 / MIBSPI5
N2HET1 DMAREQ[7] / N2HET2 DMAREQ[7] / SPI4
DMAREQ[25]
transmit / MIBSPI5[13]
CRC / MIBSPI1 / MIBSPI3
CRC DMAREQ[0] / MIBSPI1[12] / MIBSPI3[12]
DMAREQ[26]
CRC / MIBSPI1 / MIBSPI3
CRC DMAREQ[1] / MIBSPI1[13] / MIBSPI3[13]
DMAREQ[27]
LIN / MIBSPI5
LIN receive / MIBSPI5[14]
DMAREQ[28]
LIN / MIBSPI5
LIN transmit / MIBSPI5[15]
DMAREQ[29]
MIBSPI1 / MIBSPI3 / SCI / MIBSPI5
MIBSPI1[14] / MIBSPI3[14] / SCI receive /
DMAREQ[30]
MIBSPI5[1](1)
MIBSPI1 / MIBSPI3 / SCI / MIBSPI5
MIBSPI1[15] / MIBSPI3[15] / SCI transmit /
DMAREQ[31]
MIBSPI5[0](2)
(1)
Receive DMA when configured in standard SPI mode
(2)
Transmit DMA when configured in standard SPI mode
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com