Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 31Page - Texas Instruments TMS570LS1114 Datasheet HTML 32Page - Texas Instruments TMS570LS1114 Datasheet HTML 33Page - Texas Instruments TMS570LS1114 Datasheet HTML 34Page - Texas Instruments TMS570LS1114 Datasheet HTML 35Page - Texas Instruments TMS570LS1114 Datasheet HTML 36Page - Texas Instruments TMS570LS1114 Datasheet HTML 37Page - Texas Instruments TMS570LS1114 Datasheet HTML 38Page - Texas Instruments TMS570LS1114 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3.2.16 Test and Debug Modules Interface
Table 4-35. ZWT Test and Debug Modules Interface
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
TEST
U2
Input
Pull Down
Fixed 100 µA
Test enable. This terminal
Pull Down
must be connected to
ground directly or via a
pull-down resistor.
nTRST
D18
Input
JTAG test hardware reset
RTCK
A16
Output
N/A
None
JTAG return test clock
TCK
B18
Input
Pull Down
Fixed 100 µA
JTAG test clock
Pull Down
TDI
A17
Input
Pull Up
Fixed 100 µA
JTAG test data in
Pull Up
TDO
C18
Output
100 µA
None
JTAG test data out
Pull Down
TMS
C19
Input
Pull Up
Fixed 100 µA
JTAG test select
Pull Up
4.3.2.17 Flash Supply and Test Pads
Table 4-36. ZWT Flash Supply and Test Pads
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
VCCP
F8
3.3V
N/A
None
Flash pump supply
Power
FLTP1
J5
-
N/A
None
Flash test pads. These
terminals are reserved for
FLTP2
H5
TI use only. For proper
operation these terminals
must connect only to a
test pad or not be
connected at all [no
connect (NC)].
4.3.2.18 Reserved
Table 4-37. Reserved
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
Reserved
A15
-
N/A
None
Reserved. These balls are
connected to internal logic
Reserved
B15
-
N/A
None
but are not outputs nor do
Reserved
B16
-
N/A
None
they have internal pulls.
They are subject to ±1 µA
Reserved
A8
-
N/A-
None
leakage current.
Reserved
B8
-
N/A
None
Reserved
B9
-
N/A
None
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
35
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com