Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 28Page - Texas Instruments TMS570LS1114 Datasheet HTML 29Page - Texas Instruments TMS570LS1114 Datasheet HTML 30Page - Texas Instruments TMS570LS1114 Datasheet HTML 31Page - Texas Instruments TMS570LS1114 Datasheet HTML 32Page - Texas Instruments TMS570LS1114 Datasheet HTML 33Page - Texas Instruments TMS570LS1114 Datasheet HTML 34Page - Texas Instruments TMS570LS1114 Datasheet HTML 35Page - Texas Instruments TMS570LS1114 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
4.3.2.13 External Memory Interface (EMIF)
Table 4-32. External Memory Interface (EMIF)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
EMIF_CKE
L3
Output
Pull Up
None
EMIF Clock Enable
EMIF_CLK
K3
I/O
None
EMIF clock. This is an
output signal in functional
mode. It is gated off by
default, so that the signal
is pulled up. PINMUX29[8]
must be cleared to enable
this output.
EMIF_nOE
E12
Output
Pull Up
None
EMIF Read Enable
EMIF_nWAIT
P3
I/O
Pull Up
Fixed 20 µA
EMIF Extended Wait
Pull Up
Signal
EMIF_nWE
D17
Output
Pull Up
None
EMIF Write Enable
EMIF_nCAS
R4
Output
EMIF column address
strobe
EMIF_nRAS
R3
Output
EMIF row address strobe
EMIF_nCS[0]/N2HET2[7](1)
N17
Output
EMIF chip select,
synchronous
EMIF_nCS[2]
L17
Output
EMIF chip selects,
asynchronous
EMIF_nCS[3]/N2HET2[9](1)
K17
Output
This applies to chip
EMIF_nCS[4]
M17
Output
selects 2, 3 and 4
EMIF_nDQM[0]
E10
Output
EMIF Data Mask or Write
Strobe.
EMIF_nDQM[1]
E11
Output
Data mask for SDRAM
devices, write strobe for
connected asynchronous
devices.
EMIF_BA[0]
E13
Output
EMIF bank address or
address line
EMIF_BA[1]/N2HET2[5](1)
D16
Output
EMIF bank address or
address line
EMIF_ADDR[0]/N2HET2[1](1)
D4
Output
EMIF address
EMIF_ADDR[1]/N2HET2[3](1)
D5
Output
EMIF_ADDR[2]
E6
Output
EMIF_ADDR[3]
E7
Output
EMIF_ADDR[4]
E8
Output
EMIF_ADDR[5]
E9
Output
EMIF_ADDR[6]/N2HET2[11](1)
C4
Output
EMIF_ADDR[7]/N2HET2[13](1)
C5
Output
EMIF_ADDR[8]/N2HET2[15](1)
C6
Output
EMIF_ADDR[9]
C7
Output
EMIF_ADDR[10]
C8
Output
EMIF_ADDR[11]
C9
Output
EMIF_ADDR[12]
C10
Output
(1)
These signals are tri-stated and pulled up by default after power-up. Any application that requires the EMIF must set the bit 31 of the
system module general-purpose register GPREG1.
32
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com