Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 7Page - Texas Instruments TMS570LS1114 Datasheet HTML 8Page - Texas Instruments TMS570LS1114 Datasheet HTML 9Page - Texas Instruments TMS570LS1114 Datasheet HTML 10Page - Texas Instruments TMS570LS1114 Datasheet HTML 11Page - Texas Instruments TMS570LS1114 Datasheet HTML 12Page - Texas Instruments TMS570LS1114 Datasheet HTML 13Page - Texas Instruments TMS570LS1114 Datasheet HTML 14Page - Texas Instruments TMS570LS1114 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3
Terminal Functions
Section 4.3.1 and Section 4.3.2 identify the external signal names, the associated pin/ball numbers along
with the mechanical package designator, the pin/ball type (Input, Output, IO, Power or Ground), whether
the pin/ball has any internal pullup/pulldown, whether the pin/ball can be configured as a GPIO, and a
functional pin/ball description. The first signal name listed is the primary function for that terminal. The
signal name in Bold is the function being described. Refer to the I/O Multiplexing Module (IOMM) chapter
of the TMS570LS12x/11x Technical Reference Manual (SPNU515).
NOTE
In the Terminal Functions table below, the "Reset Pull State" is the state of the pull applied to
the terminal while nPORRST is low and immediately after nPORRST goes High. The default
pull direction may change when software configures the pin for an alternate function. The
"Pull Type" is the type of pull asserted when the signal name in bold is enabled for the given
terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and
immediately after nPORRST goes High. While nPORRST is low, the input buffers
are disabled, and the output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled
while nPORRST is low, and are configured as outputs with the pulls disabled
immediately after nPORRST goes High.
4.3.1
PGE Package
4.3.1.1
Multibuffered Analog-to-Digital Converters (MibADC)
Table 4-1. PGE Multibuffered Analog-to-Digital Converters (MibADC1, MibADC2)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
ADREFHI(1)
66
Power
N/A
None
ADC high reference
supply
ADREFLO(1)
67
Power
ADC low reference supply
VCCAD(1)
69
Power
Operating supply for ADC
VSSAD(1)
68
Ground
AD1EVT
86
I/O
Pull Down
Programmable,
ADC1 event trigger input,
20 µA
or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
55
I/O
Pull Up
Programmable,
ADC2 event trigger input,
EQEP1I/N2HET2_PIN_nDIS
20 µA
or GPIO
AD1IN[0]
60
Input
N/A
None
ADC1 analog input
AD1IN[1]
71
AD1IN[2]
73
AD1IN[3]
74
AD1IN[4]
76
AD1IN[5]
78
AD1IN[6]
80
AD1IN[7]
61
(1)
The ADREFHI, ADREFLO, VCCAD and VSSAD connections are common for both ADC cores.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
11
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com