Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 71Page - Texas Instruments TMS570LS1114 Datasheet HTML 72Page - Texas Instruments TMS570LS1114 Datasheet HTML 73Page - Texas Instruments TMS570LS1114 Datasheet HTML 74Page - Texas Instruments TMS570LS1114 Datasheet HTML 75Page - Texas Instruments TMS570LS1114 Datasheet HTML 76Page - Texas Instruments TMS570LS1114 Datasheet HTML 77Page - Texas Instruments TMS570LS1114 Datasheet HTML 78Page - Texas Instruments TMS570LS1114 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
6.10 Flash Memory
6.10.1 Flash Memory Configuration
Flash Bank: A separate block of logic consisting of 1 to 16 sectors. Each flash bank normally has a
customer-OTP and a TI-OTP area. These flash sectors share input/output buffers, data paths, sense
amplifiers, and control logic.
Flash Sector: A contiguous region of flash memory which must be erased simultaneously due to physical
construction constraints.
Flash Pump: A charge pump which generates all the voltages required for reading, programming, or
erasing the flash banks.
Flash Module: Interface circuitry required between the host CPU and the flash banks and pump module.
Table 6-22. Flash Memory Banks and Sectors
Memory Arrays (or Banks)
Sector
Segment
Low Address
High Address
No.
BANK0 (1MByte)(1)
0
16K Bytes
0x0000_0000
0x0000_3FFF
1
16K Bytes
0x0000_4000
0x0000_7FFF
2
16K Bytes
0x0000_8000
0x0000_BFFF
3
16K Bytes
0x0000_C000
0x0000_FFFF
4
16K Bytes
0x0001_0000
0x0001_3FFF
5
16K Bytes
0x0001_4000
0x0001_7FFF
6
32K Bytes
0x0001_8000
0x0001_FFFF
7
128K Bytes
0x0002_0000
0x0003_FFFF
8
128K Bytes
0x0004_0000
0x0005_FFFF
9
128K Bytes
0x0006_0000
0x0007_FFFF
10
128K Bytes
0x0008_0000
0x0009_FFFF
11
128K Bytes
0x000A_0000
0x000B_FFFF
12
128K Bytes
0x000C_0000
0x000D_FFFF
13
128K Bytes
0x000E_0000
0x000F_FFFF
BANK7 (64KBytes) for EEPROM emulation(2)(3)
0
16K Bytes
0xF020_0000
0xF020_3FFF
1
16K Bytes
0xF020_4000
0xF020_7FFF
2
16K Bytes
0xF020_8000
0xF020_BFFF
3
16K Bytes
0xF020_C000
0xF020_FFFF
(1)
The Flash banks are 144-bit wide bank with ECC support.
(2)
The flash bank7 can be programmed while executing code from flash bank0.
(3)
Code execution is not allowed from flash bank7.
6.10.2 Main Features of Flash Module
•
Support for multiple flash banks for program and/or data storage
•
Simultaneous read access on a bank while performing program or erase operation on any other bank
•
Integrated state machines to automate flash erase and program operations
•
Pipelined mode operation to improve instruction access interface bandwidth
•
Support for Single Error Correction Double Error Detection (SECDED) block inside Cortex-R4F CPU
–
Error address is captured for host system debugging
•
Support for a rich set of diagnostic features
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
75
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com