Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 82Page - Texas Instruments TMS570LS1114 Datasheet HTML 83Page - Texas Instruments TMS570LS1114 Datasheet HTML 84Page - Texas Instruments TMS570LS1114 Datasheet HTML 85Page - Texas Instruments TMS570LS1114 Datasheet HTML 86Page - Texas Instruments TMS570LS1114 Datasheet HTML 87Page - Texas Instruments TMS570LS1114 Datasheet HTML 88Page - Texas Instruments TMS570LS1114 Datasheet HTML 89Page - Texas Instruments TMS570LS1114 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 6-28. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3) (continued)
NO
PARAMETER
Value
UNIT
MIN
NOM
MAX
16
tsu(EMCEL-EMWEL)
Output setup time,
(WS)*E -3
(WS)*E
(WS)*E + 3
ns
EMIF_nCS[4:2] low to
EMIF_nWE low (SS = 0)
Output setup time,
-3
0
+3
ns
EMIF_nCS[4:2] low to
EMIF_nWE low (SS = 1)
17
th(EMWEH-EMCEH)
Output hold time, EMIF_nWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIF_nCS[4:2] high (SS
= 0)
Output hold time, EMIF_nWE
-3
0
+3
ns
high to EMIF_CS[4:2] high (SS =
1)
18
tsu(EMDQMV-EMWEL)
Output setup time,
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMIF_BA[1:0] valid to
EMIF_nWE low
19
th(EMWEH-EMDQMIV)
Output hold time, EMIF_nWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIF_BA[1:0] invalid
20
tsu(EMBAV-EMWEL)
Output setup time,
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMIF_BA[1:0] valid to
EMIF_nWE low
21
th(EMWEH-EMBAIV)
Output hold time, EMIF_nWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIF_BA[1:0] invalid
22
tsu(EMAV-EMWEL)
Output setup time,
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMIF_ADDR[12:0] valid to
EMIF_nWE low
23
th(EMWEH-EMAIV)
Output hold time, EMIF_nWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIF_ADDR[12:0]
invalid
24
tw(EMWEL)
EMIF_nWE active low width
(WST)*E-3
(WST)*E
(WST)*E+3
ns
(EW = 0)
EMIF_nWE active low width
(WST+(EWC*1
(WST+(EWC*1
(WST+(EWC*1
ns
(EW = 1)
6)) *E-3
6))*E
6)) *E+3
25
td(EMWAITH-EMWEH)
Delay time from EMIF_nWAIT
3E+11
4E
4E+24
ns
deasserted to EMIF_nWE high
26
tsu(EMDV-EMWEL)
Output setup time,
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMIF_DATA[15:0] valid to
EMIF_nWE low
27
th(EMWEH-EMDIV)
Output hold time, EMIF_nWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIF_DATA[15:0] invalid
31
tsu(EMDQMV-EMWEL)
Output setup time,
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMIF_nDQM[1:0] valid to
EMIF_nWE low
32
th(EMWEH-EMDQMIV)
Output hold time, EMIF_nWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIF_nDQM[1:0] invalid
86
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com