Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 48Page - Texas Instruments TMS570LS1114 Datasheet HTML 49Page - Texas Instruments TMS570LS1114 Datasheet HTML 50Page - Texas Instruments TMS570LS1114 Datasheet HTML 51Page - Texas Instruments TMS570LS1114 Datasheet HTML 52Page - Texas Instruments TMS570LS1114 Datasheet HTML 53Page - Texas Instruments TMS570LS1114 Datasheet HTML 54Page - Texas Instruments TMS570LS1114 Datasheet HTML 55Page - Texas Instruments TMS570LS1114 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
6.3
Power Sequencing and Power On Reset
6.3.1
Power-Up Sequence
There is no timing dependency between the ramp of the VCCIO and the VCC supply voltage. The power-
up sequence starts with the I/O voltage rising above the minimum I/O supply threshold, (see Table 6-4 for
more details), core voltage rising above the minimum core supply threshold and the release of power-on
reset. The high frequency oscillator will start up first and its amplitude will grow to an acceptable level. The
oscillator start up time is dependent on the type of oscillator and is provided by the oscillator vendor. The
different supplies to the device can be powered up in any order.
The device goes through the following sequential phases during power up.
Table 6-3. Power-Up Phases
Oscillator start-up and validity check
1032 oscillator cycles
eFuse autoload
1160 oscillator cycles
Flash pump power-up
688 oscillator cycles
Flash bank power-up
617 oscillator cycles
Total
3497 oscillator cycles
The CPU reset is released at the end of the above sequence and fetches the first instruction from address
0x00000000.
6.3.2
Power-Down Sequence
The different supplies to the device can be powered down in any order.
6.3.3
Power-On Reset: nPORRST
This is the power-on reset. This reset must be asserted by an external circuitry whenever the I/O or core
supplies are outside the specified recommended range. This signal has a glitch filter on it. It also has an
internal pulldown.
6.3.3.1
nPORRST Electrical and Timing Requirements
Table 6-4. Electrical Requirements for nPORRST
NO Parameter
MIN
MAX
Unit
VCCPORL
VCC low supply level when nPORRST must be active during power-
0.5
V
up
VCCPORH
VCC high supply level when nPORRST must remain active during
1.14
V
power-up and become active during power down
VCCIOPORL
VCCIO / VCCP low supply level when nPORRST must be active during
1.1
V
power-up
VCCIOPORH
VCCIO / VCCP high supply level when nPORRST must remain active
3.0
V
during power-up and become active during power down
VIL(PORRST)
Low-level input voltage of nPORRST VCCIO > 2.5V
0.2 * VCCIO
V
Low-level input voltage of nPORRST VCCIO < 2.5V
0.5
V
3
tsu(PORRST)
Setup time, nPORRST active before VCCIO and VCCP > VCCIOPORL
0
ms
during power-up
6
th(PORRST)
Hold time, nPORRST active after VCC > VCCPORH
1
ms
7
tsu(PORRST)
Setup time, nPORRST active before VCC < VCCPORH during power
2
µs
down
8
th(PORRST)
Hold time, nPORRST active after VCCIO and VCCP > VCCIOPORH
1
ms
9
th(PORRST)
Hold time, nPORRST active after VCC < VCCPORL
0
ms
52
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com