Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 29Page - Texas Instruments TMS570LS1114 Datasheet HTML 30Page - Texas Instruments TMS570LS1114 Datasheet HTML 31Page - Texas Instruments TMS570LS1114 Datasheet HTML 32Page - Texas Instruments TMS570LS1114 Datasheet HTML 33Page - Texas Instruments TMS570LS1114 Datasheet HTML 34Page - Texas Instruments TMS570LS1114 Datasheet HTML 35Page - Texas Instruments TMS570LS1114 Datasheet HTML 36Page - Texas Instruments TMS570LS1114 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 4-32. External Memory Interface (EMIF) (continued)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
EMIF_DATA[0]
K15
I/O
Pull Up
Fixed 20 µA
EMIF Data
Pull Up
EMIF_DATA[1]
L15
I/O
EMIF_DATA[2]
M15
I/O
EMIF_DATA[3]
N15
I/O
EMIF_DATA[4]
E5
I/O
EMIF_DATA[5]
F5
I/O
EMIF_DATA[6]
G5
I/O
EMIF_DATA[7]
K5
I/O
EMIF_DATA[8]
L5
I/O
EMIF_DATA[9]
M5
I/O
EMIF_DATA[10]
N5
I/O
EMIF_DATA[11]
P5
I/O
EMIF_DATA[12]
R5
I/O
EMIF_DATA[13]
R6
I/O
EMIF_DATA[14]
R7
I/O
EMIF_DATA[15]
R8
I/O
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
33
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com