Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 40Page - Texas Instruments TMS570LS1114 Datasheet HTML 41Page - Texas Instruments TMS570LS1114 Datasheet HTML 42Page - Texas Instruments TMS570LS1114 Datasheet HTML 43Page - Texas Instruments TMS570LS1114 Datasheet HTML 44Page - Texas Instruments TMS570LS1114 Datasheet HTML 45Page - Texas Instruments TMS570LS1114 Datasheet HTML 46Page - Texas Instruments TMS570LS1114 Datasheet HTML 47Page - Texas Instruments TMS570LS1114 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
5.7
Power Consumption Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
fHCLK = 160MHz
170 (1)
340 (2)
VCC digital supply current (operating mode)
mA
fVCLK = fHCLK/2; Flash in pipelined mode; VCCmax
fHCLK = 180MHz
190(1)
360(2)
ICC
LBIST/PBIST
clock
215(1)
460(3)(4)
mA
frequency = 80MHz
VCC Digital supply current (LBIST/PBIST mode)
LBIST/PBIST clock
460 (3)(4)
mA
240(1)
frequency = 90MHz
ICCPLL
VCCPLL digital supply current (operating mode)
VCCPLL = VCCPLLmax
10
mA
ICCIO
VCCIO Digital supply current (operating mode.
No DC load, VCCmax
10
mA
Single ADC
operational,
15
VCCADmax
ICCAD
VCCAD supply current (operating mode)
mA
Both ADCs
operational,
30
VCCADmax
Single ADC
operational,
3
ADREFHImax
IADREFHI
ADREFHI supply current (operating mode)
mA
Both ADCs
operational,
6
ADREFHImax
read from 1 bank
and program
ICCP
VCCP supply current
55
mA
another bank,
VCCPmax
(1)
The typical value is the average current for the nominal process corner and junction temperature of 25C.
(2)
The maximum ICC, value can be derated
•
linearly with voltage
•
by 1 ma/MHz for lower operating frequency when fHCLK= 2 * fVCLK
•
for lower junction temperature by the equation below where TJK is the junction temperature in Kelvin and the result is in milliamperes.
160 - 0.073 e0.0181 T
JK
(3)
The maximum ICC, value can be derated
•
linearly with voltage
•
by 1.5 ma/MHz for lower operating frequency
•
for lower junction temperature by the equation below where TJK is the junction temperature in Kelvin and the result is in milliamperes.
160 - 0.073 e0.0181 T
JK
(4)
LBIST and PBIST currents are for a short duration, typically less than 10ms. They are usually ignored for thermal calculations for the
device and the voltage regulator
44
Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com