Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 23Page - Texas Instruments TMS570LS1114 Datasheet HTML 24Page - Texas Instruments TMS570LS1114 Datasheet HTML 25Page - Texas Instruments TMS570LS1114 Datasheet HTML 26Page - Texas Instruments TMS570LS1114 Datasheet HTML 27Page - Texas Instruments TMS570LS1114 Datasheet HTML 28Page - Texas Instruments TMS570LS1114 Datasheet HTML 29Page - Texas Instruments TMS570LS1114 Datasheet HTML 30Page - Texas Instruments TMS570LS1114 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3.2.5
Enhanced Pulse-Width Modulator Modules (ePWM)
Table 4-24. ZWT Enhanced Pulse-Width Modulator Modules (ePWM)
TERMINAL
SIGNA
Reset Pull
PULL TYPE
DESCRIPTION
337
L TYPE
State
SIGNAL NAME
ZWT
GIOA[5]/EXTCLKIN/EPWM1A/N2HET1_PIN_nDIS
B5
Output
Pull Down
None
Enhanced PWM1 Output A
GIOA[6]/N2HET2[4]/EPWM1B
H3
Enhanced PWM1 Output B
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]/EPWM1SYNCO
E3
External ePWM Sync Pulse
Output
N2HET1[16]/EPWM1SYNCI/EPWM1SYNCO
A4
Input
Fixed 20 µA
External ePWM Sync Pulse
Pull Up
Input
GIOA[7]/N2HET2[6]/EPWM2A
M1
Output
None
Enhanced PWM2 Output A
N2HET1[0]/SPI4CLK/EPWM2B
K18
Enhanced PWM2 Output B
N2HET1[2]/SPI4SIMO[0]/EPWM3A
W5
Enhanced PWM3 Output A
N2HET1[5]/SPI4SOMI[0]/N2HET2[12]/EPWM3B
V6
Enhanced PWM3 Output B
MIBSPI5NCS[0]/EPWM4A
E19
Pull Up
Enhanced PWM4 Output A
N2HET1[4]/EPWM4B
B12
Pull Down
Enhanced PWM4 Output B
N2HET1[6]/SCIRX/EPWM5A
W3
Enhanced PWM5 Output A
N2HET1[13]/SCITX/EPWM5B
N2
Enhanced PWM5 Output B
N2HET1[18]/EPWM6A
J1
Enhanced PWM6 Output A
N2HET1[20]/EPWM6B
P2
Enhanced PWM6 Output B
N2HET1[9]/N2HET2[16]/EPWM7A
V7
Enhanced PWM7 Output A
N2HET1[7]/N2HET2[14]/EPWM7B
T1
Enhanced PWM7 Output B
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]/nTZ1
C3
Input
Pull Up
Fixed 20 µA
Trip Zone Inputs 1, 2 and 3.
Pull Up
These signals are either
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]/nTZ2
B2
connected asynchronously to
N2HET1[10]/nTZ3
D19
Pull Down
the ePWMx trip zone inputs,
or double-synchronized with
VCLK4, or double-
synchronized and then
filtered with a 6-cycle
VCLK4-based counter before
connecting to the ePWMx
trip zone inputs.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
27
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com