Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 3 Page - Texas Instruments

  TMS570LS1114 Datasheet HTML 1Page - Texas Instruments TMS570LS1114 Datasheet HTML 2Page - Texas Instruments TMS570LS1114 Datasheet HTML 3Page - Texas Instruments TMS570LS1114 Datasheet HTML 4Page - Texas Instruments TMS570LS1114 Datasheet HTML 5Page - Texas Instruments TMS570LS1114 Datasheet HTML 6Page - Texas Instruments TMS570LS1114 Datasheet HTML 7Page - Texas Instruments TMS570LS1114 Datasheet HTML 8Page - Texas Instruments TMS570LS1114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
The device has two 12-bit-resolution MibADCs with 24 total inputs and 64 words of parity-protected buffer
RAM each. The MibADC channels can be converted individually or can be grouped by software for
sequential conversion sequences. Sixteen inputs are shared between the two MibADCs. Each MibADC
supports three separate groupings of channels. Each group can be converted once when triggered or
configured for continuous conversion mode. The MibADC has a 10-bit mode for use when compatibility
with older devices or faster conversion time is desired. MibADC1 also supports the use of external analog
multiplexers.
The device has multiple communication interfaces: three MibSPIs, two SPIs, one LIN, one SCI, three
DCANs, and one I2C. The SPI provides a convenient method of serial high-speed communications
between similar shift-register type devices. The LIN supports the Local Interconnect standard 2.0 and can
be used as a UART in full-duplex mode using the standard Non-Return-to-Zero (NRZ) format. The DCAN
supports the CAN 2.0 (A and B) protocol standard and uses a serial, multimaster communication protocol
that efficiently supports distributed real-time control with robust communication rates of up to 1 Mbps. The
DCAN is ideal for systems operating in noisy and harsh environments (for example, automotive and
industrial fields) that require reliable serial communication or multiplexed wiring.
The I2C module is a multimaster communication module providing an interface between the
microcontroller and an I2C-compatible device through the I2C serial bus. The I2C supports speeds of 100
and 400 Kbps.
A Frequency-Modulated Phase-Locked Loop (FMPLL) clock module is used to multiply the external
frequency reference to a higher frequency for internal use. The Global Clock Module (GCM) manages the
mapping between the available clock sources and the device clock domains.
The device also has an External Clock Prescaler (ECP) module that when enabled, outputs a continuous
external clock on the ECLK terminal. The ECLK frequency is a user-programmable ratio of the peripheral
interface clock (VCLK) frequency. This low-frequency output can be monitored externally as an indicator of
the device operating frequency.
The Direct Memory Access (DMA) controller has 16 channels, 32 control packets, and parity protection on
its memory. An MPU is built into the DMA to protect memory against erroneous transfers.
The Error Signaling Module (ESM) monitors all device errors and determines whether an interrupt or
external error pin (ball) is triggered when a fault is detected. The nERROR terminal can be monitored
externally as an indicator of a fault condition in the microcontroller.
The External Memory Interface (EMIF) provides a memory extension to asynchronous and synchronous
memories or other slave devices.
A Parameter Overlay Module (POM) enhances the calibration capabilities of application code. The POM
can reroute flash accesses to internal memory or to the EMIF, thus avoiding the reprogramming steps
necessary for parameter updates in flash.
With integrated safety features and a wide choice of communication and control peripherals, the
TMS570LS1114 device is an ideal solution for high-performance real-time control applications with safety-
critical requirements.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS570LS1114ZWT
NFBGA (337)
16.0 mm × 16.0 mm
TMS570LS1114PGE
LQFP (144)
20.0 mm × 20.0 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
Copyright © 2012–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com