Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 88Page - Texas Instruments TMS570LS1114 Datasheet HTML 89Page - Texas Instruments TMS570LS1114 Datasheet HTML 90Page - Texas Instruments TMS570LS1114 Datasheet HTML 91Page - Texas Instruments TMS570LS1114 Datasheet HTML 92Page - Texas Instruments TMS570LS1114 Datasheet HTML 93Page - Texas Instruments TMS570LS1114 Datasheet HTML 94Page - Texas Instruments TMS570LS1114 Datasheet HTML 95Page - Texas Instruments TMS570LS1114 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 6-31. Interrupt Request Assignments (continued)
Modules
Interrupt Sources
Default VIM Interrupt
Channel
DCC1
DCC done interrupt
82
DCC2
DCC2 done interrupt
83
Reserved
Reserved
84
PBIST Controller
PBIST Done Interrupt
85
Reserved
Reserved
86-87
HWAG1
HWA_INT_REQ_L
88
HWAG2
HWA_INT_REQ_L
89
ePWM1INTn
ePWM1 Interrupt
90
ePWM1TZINTn
ePWM1 Trip Zone Interrupt
91
ePWM2INTn
ePWM2 Interrupt
92
ePWM2TZINTn
ePWM2 Trip Zone Interrupt
93
ePWM3INTn
ePWM3 Interrupt
94
ePWM3TZINTn
ePWM3 Trip Zone Interrupt
95
ePWM4INTn
ePWM4 Interrupt
96
ePWM4TZINTn
ePWM4 Trip Zone Interrupt
97
ePWM5INTn
ePWM5 Interrupt
98
ePWM5TZINTn
ePWM5 Trip Zone Interrupt
99
ePWM6INTn
ePWM6 Interrupt
100
ePWM6TZINTn
ePWM6 Trip Zone Interrupt
101
ePWM7INTn
ePWM7 Interrupt
102
ePWM7TZINTn
ePWM7 Trip Zone Interrupt
103
eCAP1INTn
eCAP1 Interrupt
104
eCAP2INTn
eCAP2 Interrupt
105
eCAP3INTn
eCAP3 Interrupt
106
eCAP4INTn
eCAP4 Interrupt
107
eCAP5INTn
eCAP5 Interrupt
108
eCAP6INTn
eCAP6 Interrupt
109
eQEP1INTn
eQEP1 Interrupt
110
eQEP2INTn
eQEP2 Interrupt
111
Reserved
Reserved
112-127
NOTE
Address location 0x00000000 in the VIM RAM is reserved for the phantom interrupt ISR
entry; therefore only request channels 0..126 can be used and are offset by 1 address in the
VIM RAM.
NOTE
The EMIF_nWAIT signal has a pull-up on it. The EMIF module generates a "Wait Rise"
interrupt whenever it detects a rising edge on the EMIF_nWAIT signal. This interrupt
condition is indicated as soon as the device is powered up. This can be ignored if the
EMIF_nWAIT signal is not used in the application. If the EMIF_nWAIT signal is actually used
in the application, then the external slave memory must always drive the EMIF_nWAIT signal
such that an interrupt is not caused due to the default pull-up on this signal.
92
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com