Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 69Page - Texas Instruments TMS570LS1114 Datasheet HTML 70Page - Texas Instruments TMS570LS1114 Datasheet HTML 71Page - Texas Instruments TMS570LS1114 Datasheet HTML 72Page - Texas Instruments TMS570LS1114 Datasheet HTML 73Page - Texas Instruments TMS570LS1114 Datasheet HTML 74Page - Texas Instruments TMS570LS1114 Datasheet HTML 75Page - Texas Instruments TMS570LS1114 Datasheet HTML 76Page - Texas Instruments TMS570LS1114 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 6-20. Device Memory Map (continued)
FRAME ADDRESS RANGE
RESPNSE FOR ACCESS TO
FRAME CHIP
FRAME
ACTUAL
MODULE NAME
UNIMPLEMENTED LOCATIONS IN
SELECT
SIZE
SIZE
START
END
FRAME
Reads return zeros, writes have no
PCR registers
PPS0
0xFFFF_E000
0xFFFF_E0FF
256B
256B
effect
System Module -
Reads return zeros, writes have no
Frame 2 (see
PPS0
0xFFFF_E100
0xFFFF_E1FF
256B
256B
effect
SPNU515)
Reads return zeros, writes have no
PBIST
PPS1
0xFFFF_E400
0xFFFF_E5FF
512B
512B
effect
Generates address error interrupt, if
STC
PPS1
0xFFFF_E600
0xFFFF_E6FF
256B
256B
enabled
IOMM
Reads return zeros, writes have no
Multiplexing
PPS2
0xFFFF_EA00
0xFFFF_EBFF
512B
512B
effect
Control Module
Reads return zeros, writes have no
DCC1
PPS3
0xFFFF_EC00
0xFFFF_ECFF
256B
256B
effect
Reads return zeros, writes have no
DMA
PPS4
0xFFFF_F000
0xFFFF_F3FF
1KB
1KB
effect
Reads return zeros, writes have no
DCC2
PPS5
0xFFFF_F400
0xFFFF_F4FF
256B
256B
effect
Reads return zeros, writes have no
ESM
PPS5
0xFFFF_F500
0xFFFF_F5FF
256B
256B
effect
Reads return zeros, writes have no
CCMR4
PPS5
0xFFFF_F600
0xFFFF_F6FF
256B
256B
effect
Reads return zeros, writes have no
RAM ECC even
PPS6
0xFFFF_F800
0xFFFF_F8FF
256B
256B
effect
Reads return zeros, writes have no
RAM ECC odd
PPS6
0xFFFF_F900
0xFFFF_F9FF
256B
256B
effect
Reads return zeros, writes have no
RTI + DWWD
PPS7
0xFFFF_FC00
0xFFFF_FCFF
256B
256B
effect
Reads return zeros, writes have no
VIM Parity
PPS7
0xFFFF_FD00
0xFFFF_FDFF
256B
256B
effect
Reads return zeros, writes have no
VIM
PPS7
0xFFFF_FE00
0xFFFF_FEFF
256B
256B
effect
System Module -
Reads return zeros, writes have no
Frame 1 (see
PPS7
0xFFFF_FF00
0xFFFF_FFFF
256B
256B
effect
SPNU515)
6.9.3
Special Consideration for CPU Access Errors Resulting in Imprecise Aborts
Any CPU write access to a Normal or Device type memory, which generates a fault, will generate an
imprecise abort. The imprecise abort exception is disabled by default and must be enabled for the CPU to
handle this exception. The imprecise abort handling is enabled by clearing the "A" bit in the CPU’s
program status register (CPSR).
6.9.4
Master/Slave Access Privileges
The table below lists the access permissions for each bus master on the device. A bus master is a module
that can initiate a read or a write transaction on the device.
Each slave module on the main interconnect is listed in the table. A "Yes" indicates that the module listed
in the "MASTERS" column can access that slave module.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com