Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 42Page - Texas Instruments TMS570LS1114 Datasheet HTML 43Page - Texas Instruments TMS570LS1114 Datasheet HTML 44Page - Texas Instruments TMS570LS1114 Datasheet HTML 45Page - Texas Instruments TMS570LS1114 Datasheet HTML 46Page - Texas Instruments TMS570LS1114 Datasheet HTML 47Page - Texas Instruments TMS570LS1114 Datasheet HTML 48Page - Texas Instruments TMS570LS1114 Datasheet HTML 49Page - Texas Instruments TMS570LS1114 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 5-3. Thermal Resistance Characteristics (ZWT Package) (continued)
°C/W
Junction-to-package top, Still air (includes
ΨJT
5x5 thermal via cluster in 2s2p PCB
0.33
connected to 1st ground plane)
5.10 Output Buffer Drive Strengths
Table 5-4. Output Buffer Drive Strengths
LOW-LEVEL OUTPUT CURRENT,
IOL for VI=VOLmax
or
SIGNALS
HIGH-LEVEL OUTPUT CURRENT,
IOH for VI=VOHmin
MIBSPI5CLK,
MIBSPI5SOMI[0],
MIBSPI5SOMI[1],
MIBSPI5SOMI[2],
MIBSPI5SOMI[3],
MIBSPI5SIMO[0], MIBSPI5SIMO[1], MIBSPI5SIMO[2], MIBSPI5SIMO[3],
TMS, TDI, TDO, RTCK,
SPI4CLK, SPI4SIMO, SPI4SOMI, nERROR,
N2HET2[1], N2HET2[3], N2HET2[5], N2HET2[7], N2HET2[9], N2HET2[11], N2HET2[13],
N2HET2[15]
8 mA
ECAP1, ECAP4, ECAP5, ECAP6
EQEP1I, EQEP1S, EQEP2I, EQEP2S
EPWM1A,
EPWM1B,
EPWM1SYNCO,
ETPW2A,
EPWM2B,
EPWM3A,
EPWM3B,
EPWM4A, EPWM4B, EPWM5A, EPWM5B, EPWM6A, EPWM6B, EPWM7A, EPWM7B
EMIF_ADDR[0:12], EMIF_BA[0:1], EMIF_CKE, EMIF_CLK, EMIF_DATA[0:15], EMIF_nCAS,
EMIF_nCS[0:4], EMIF_nDQM[0:1], EMIF_nOE, EMIF_nRAS, EMIF_nWAIT, EMIF_nWE,
EMIF_RNW
TEST,
MIBSPI3SOMI, MIBSPI3SIMO, MIBSPI3CLK, MIBSPI1SIMO, MIBSPI1SOMI, MIBSPI1CLK,
4 mA
ECAP2, ECAP3
nRST
AD1EVT,
CAN1RX, CAN1TX, CAN2RX, CAN2TX, CAN3RX, CAN3TX,
GIOA[0-7], GIOB[0-7],
LINRX, LINTX,
2 mA zero-dominant
MIBSPI1nCS[0],
MIBSPI1nCS[1-3],
MIBSPI1nENA,
MIBSPI3nCS[0-3],
MIBSPI3nENA,
MIBSPI5nCS[0-3], MIBSPI5nENA,
N2HET1[0-31], N2HET2[0], N2HET2[2], N2HET2[4], N2HET2[5], N2HET2[6], N2HET2[7],
N2HET2[8], N2HET2[9], N2HET2[10], N2HET2[11], N2HET2[12], N2HET2[13], N2HET2[14],
N2HET2[15], N2HET2[16], N2HET2[18],
SPI2nCS[0], SPI2nENA, SPI4nCS[0], SPI4nENA
ECLK,
selectable 8 mA / 2 mA
SPI2CLK, SPI2SIMO, SPI2SOMI
The default output buffer drive strength is 8 mA for these signals.
Table 5-5. Selectable 8 mA/2 mA Control
Signal
Control Bit
Address
8 mA
2 mA
ECLK
SYSPC10[0]
0xFFFF FF78
0
1
SPI2CLK
SPI2PC9[9]
0xFFF7 F668
0
1
SPI2SIMO
SPI2PC9[10]
0xFFF7 F668
0
1
46
Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com