Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 35Page - Texas Instruments TMS570LS1114 Datasheet HTML 36Page - Texas Instruments TMS570LS1114 Datasheet HTML 37Page - Texas Instruments TMS570LS1114 Datasheet HTML 38Page - Texas Instruments TMS570LS1114 Datasheet HTML 39Page - Texas Instruments TMS570LS1114 Datasheet HTML 40Page - Texas Instruments TMS570LS1114 Datasheet HTML 41Page - Texas Instruments TMS570LS1114 Datasheet HTML 42Page - Texas Instruments TMS570LS1114 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3.2.21 Supply for I/O Cells: 3.3V nominal
Table 4-40. ZWT Supply for I/O Cells: 3.3V nominal
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
VCCIO
F6
3.3V
N/A
None
Operating supply for I/Os
Power
VCCIO
F7
VCCIO
F11
VCCIO
F12
VCCIO
F13
VCCIO
F14
VCCIO
G6
VCCIO
G14
VCCIO
H6
VCCIO
H14
VCCIO
J6
VCCIO
L14
VCCIO
M6
VCCIO
M14
VCCIO
N6
VCCIO
N14
VCCIO
P6
VCCIO
P7
VCCIO
P8
VCCIO
P9
VCCIO
P12
VCCIO
P13
VCCIO
P14
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
39
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com