Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 21Page - Texas Instruments TMS570LS1114 Datasheet HTML 22Page - Texas Instruments TMS570LS1114 Datasheet HTML 23Page - Texas Instruments TMS570LS1114 Datasheet HTML 24Page - Texas Instruments TMS570LS1114 Datasheet HTML 25Page - Texas Instruments TMS570LS1114 Datasheet HTML 26Page - Texas Instruments TMS570LS1114 Datasheet HTML 27Page - Texas Instruments TMS570LS1114 Datasheet HTML 28Page - Texas Instruments TMS570LS1114 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 4-21. ZWT Enhanced High-End Timer Modules (N2HET) (continued)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
N2HET1[30]/EQEP2S
B11
I/O
Pull Down
Programmable,
20 µA
N2HET1[31]
J17
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]/EQEP1B
W9
Pull Up
GIOA[5]/EXTCLKIN/EPWM1A/N2HET1_PIN_nDIS
B5
input
Pull Down
Programmable,
Disable selected PWM
20 µA(1)
outputs
GIOA[2]/N2HET2[0] /EQEP2I
C1
I/O
Pull Down
Programmable,
N2HET2
time
input
20 µA
EMIF_ADDR[0]/N2HET2[1]
D4
capture
or
output
compare, or GIO.
GIOA[3]/N2HET2[2]
E1
Each
terminal
has
a
EMIF_ADDR[1]/N2HET2[3]
D5
suppression filter with a
GIOA[6]/N2HET2[4]/EPWM1B
H3
programmable duration.
EMIF_BA[1]/N2HET2[5]
D16
GIOA[7]/N2HET2[6]/EPWM2A
M1
EMIF_nCS[0]/N2HET2[7]
N17
N2HET1[1]/SPI4NENA/ N2HET2[8]/EQEP2A
V2
EMIF_nCS[3]/N2HET2[9]
K17
N2HET1[3]/SPI4NCS[0]/N2HET2[10]/EQEP2B
U1
EMIF_ADDR[6]/N2HET2[11]
C4
N2HET1[5]/SPI4SOMI[0]/N2HET2[12]/EPWM3B
V6
EMIF_ADDR[7]/N2HET2[13]
C5
N2HET1[7]/N2HET2[14]/EPWM7B
T1
EMIF_ADDR[8]/N2HET2[15]
C6
N2HET1[9]/N2HET2[16]/EPWM7A
V7
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]/EPWM1SYNCO
E3
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
V10
I/O
Pull Up
Programmable,
Disable selected PWM
EQEP1I/N2HET2_PIN_nDIS
20 µA(1)
outputs
(1)
The N2HETx_PIN_nDIS function is always available on this terminal. There is no mux control to select this function. The pull direction is
controlled by the function which is selected by the output mux control for this terminal.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
25
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com