Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 70Page - Texas Instruments TMS570LS1114 Datasheet HTML 71Page - Texas Instruments TMS570LS1114 Datasheet HTML 72Page - Texas Instruments TMS570LS1114 Datasheet HTML 73Page - Texas Instruments TMS570LS1114 Datasheet HTML 74Page - Texas Instruments TMS570LS1114 Datasheet HTML 75Page - Texas Instruments TMS570LS1114 Datasheet HTML 76Page - Texas Instruments TMS570LS1114 Datasheet HTML 77Page - Texas Instruments TMS570LS1114 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 6-21. Master / Slave Access Matrix
MASTERS
ACCESS MODE
SLAVES ON MAIN SCR
Flash Module
Non-CPU
CRC
EMIF Slave
Peripheral
Bus2 Interface:
Accesses to
Interface
Control
OTP, ECC, Bank
Program Flash
Registers, All
7
and CPU Data
Peripheral
RAM
Memories, And
All System
Module Control
Registers And
Memories
CPU READ
User/Privilege
Yes
Yes
Yes
Yes
Yes
CPU WRITE
User/Privilege
No
Yes
Yes
Yes
Yes
DMA
User
Yes
Yes
Yes
Yes
Yes
POM
User
Yes
Yes
Yes
Yes
Yes
DAP
Privilege
Yes
Yes
Yes
Yes
Yes
HTU1
Privilege
No
Yes
Yes
Yes
Yes
HTU2
Privilege
No
Yes
Yes
Yes
Yes
6.9.5
Special Notes on Accesses to Certain Slaves
Write accesses to the Power Domain Management Module (PMM) control registers are limited to the CPU
(master id = 1). The other masters can only read from these registers.
A debugger can also write to the PMM registers. The master-id check is disabled in debug mode.
The device contains dedicated logic to generate a bus error response on any access to a module that is in
a power domain that has been turned OFF.
6.9.6
Parameter Overlay Module (POM) Considerations
•
The POM can map onto up to 8MB of the internal or external memory space. The starting address and the size of
the memory overlay are configurable through the POM control registers. Care must be taken to ensure that the
overlay is mapped on to available memory.
•
ECC must be disabled by software through CP15 in case POM overlay is enabled; otherwise ECC errors will be
generated.
•
POM overlay must not be enabled when the flash and internal RAM memories are swapped through the MEM
SWAP field of the Bus Matrix Module Control Register 1 (BMMCR1).
•
When POM is used to overlay the flash on to internal or external RAM, there is a bus contention possibility when
another master accesses the TCM flash. This results in a system hang.
–
The POM implements a timeout feature to detect this exact scenario. The timeout needs to be enabled
whenever POM overlay is enabled.
–
The timeout can be enabled by writing 1010 to the Enable TimeOut (ETO) field of the POM Global Control
register (POMGLBCTRL, address = 0xFFA04000).
–
In case a read request by the POM cannot be completed within 32 HCLK cycles, the timeout (TO) flag is set in
the POM Flag register (POMFLG, address = 0xFFA0400C). Also, an abort is generated to the CPU. This can
be a prefetch abort for an instruction fetch or a data abort for a data fetch.
–
The prefetch- and data-abort handlers must be modified to check if the TO flag in the POM is set. If so, then
the application can assume that the timeout is caused by a bus contention between the POM transaction and
another master accessing the same memory region. The abort handlers need to clear the TO flag, so that any
further aborts are not misinterpreted as having been caused due to a timeout from the POM.
74
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com