Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 41Page - Texas Instruments TMS570LS1114 Datasheet HTML 42Page - Texas Instruments TMS570LS1114 Datasheet HTML 43Page - Texas Instruments TMS570LS1114 Datasheet HTML 44Page - Texas Instruments TMS570LS1114 Datasheet HTML 45Page - Texas Instruments TMS570LS1114 Datasheet HTML 46Page - Texas Instruments TMS570LS1114 Datasheet HTML 47Page - Texas Instruments TMS570LS1114 Datasheet HTML 48Page - Texas Instruments TMS570LS1114 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
5.8
Input/Output Electrical Characteristics Over Recommended Operating Conditions
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vhys
Input hysteresis
All inputs
180
mV
VIL
Low-level input voltage
All inputs
-0.3
0.8
V
VIH
High-level input voltage
All inputs
2
VCCIO + 0.3
V
IOL = IOLmax
0.2 VCCIO
IOL = 50 µA, standard
0.2
output mode
VOL
Low-level output voltage
V
IOL = 50 µA, low-EMI
output mode (see
0.2 VCCIO
Section 5.13)
IOH = IOHmax
0.8 VCCIO
IOH = 50 µA, standard
VCCIO -0.3
output mode
VOH
High-level output voltage
V
IOH = 50 µA, low-EMI
output mode (see
0.8 VCCIO
Section 5.13)
VI < VSSIO - 0.3 or VI
IIK
Input clamp current (I/O pins)(2)
-3.5
3.5
mA
> VCCIO + 0.3
IIH Pulldown 20µA
VI = VCCIO
5
40
IIH Pulldown 100µA
VI = VCCIO
40
195
II
Input current (I/O pins)
IIL Pullup 20µA
VI = VSS
-40
-5
µA
IIL Pullup 100µA
VI = VSS
-195
-40
All other pins
No pullup or pulldown
-1
1
CI
Input capacitance
2
pF
CO
Output capacitance
3
pF
(1)
Source currents (out of the device) are negative while sink currents (into the device) are positive.
(2)
If the input voltage extends outside of the range VIL to VIH then the input current must be limited to IIK to maintain proper operation. See
the application note SPNA201 for more information on limiting input clamp currents.
5.9
Thermal Resistance Characteristics
Table 5-2 shows the thermal resistance characteristics for the QFP - PGE mechanical package.
Table 5-3 shows the thermal resistance characteristics for the BGA - ZWT mechanical package.
Table 5-2. Thermal Resistance Characteristics (PGE Package)
°C/W
Junction-to-free air thermal resistance, Still
R
ΘJA
40
air using JEDEC 2S2P test board
R
ΘJB
Junction-to-board thermal resistance
27.2
R
ΘJC
Junction-to-case thermal resistance
7.3
ΨJT
Junction-to-package top, Still air
0.10
Table 5-3. Thermal Resistance Characteristics (ZWT Package)
°C/W
Junction-to-free air thermal resistance, Still
R
ΘJA
air (includes 5x5 thermal via cluster in 2s2p
18.8
PCB connected to 1st ground plane)
R
ΘJB
Junction-to-board thermal resistance
14.1
R
ΘJC
Junction-to-case thermal resistance
7.1
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
45
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com