Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 12Page - Texas Instruments TMS570LS1114 Datasheet HTML 13Page - Texas Instruments TMS570LS1114 Datasheet HTML 14Page - Texas Instruments TMS570LS1114 Datasheet HTML 15Page - Texas Instruments TMS570LS1114 Datasheet HTML 16Page - Texas Instruments TMS570LS1114 Datasheet HTML 17Page - Texas Instruments TMS570LS1114 Datasheet HTML 18Page - Texas Instruments TMS570LS1114 Datasheet HTML 19Page - Texas Instruments TMS570LS1114 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 4-5. PGE Enhanced Pulse-Width Modulator Modules (ePWM) (continued)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]/nTZ1
3
Input
Pull Up
Fixed 20 µA
Trip Zone Inputs 1, 2 and
Pull Up
3. These signals are
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]/nTZ2
4
either connected
N2HET1[10]/nTZ3
118
Pull Down
asynchronously to the
ePWMx trip zone inputs,
or double-synchronized
with VCLK4, or double-
synchronized and then
filtered with a 6-cycle
VCLK4-based counter
before connecting to the
ePWMx trip zone inputs.
4.3.1.6
General-Purpose Input / Output (GPIO)
Table 4-6. PGE General-Purpose Input / Output (GPIO)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
GIOA[0]
2
I/O
Pull Down
Programmable,
General-purpose I/O.
20 µA
All GPIO terminals are
GIOA[1]
5
capable of generating
GIOA[2]/N2HET2[0] /EQEP2I
9
interrupts to the CPU on
rising / falling / both
GIOA[5]/EXTCLKIN/EPWM1A/N2HET1_PIN_nDIS
14
edges.
GIOA[6]/N2HET2[4]/EPWM1B
16
GIOA[7]/N2HET2[6]/EPWM2A
22
GIOB[0]
126
GIOB[1]
133
GIOB[2]
142
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
55(1)
Pull Up
EQEP1I/N2HET2_PIN_nDIS
GIOB[3]
1
Pull Down
(1)
GIOB[2] cannot output a level on to pin 55. Only the input functionality is supported so that the application can generate an interrupt
whenever the N2HET2_PIN_nDIS is asserted (driven low). Also, a pull up is enabled on the input. This is not programmable using the
GIO module control registers.
4.3.1.7
Controller Area Network Controllers (DCAN)
Table 4-7. PGE Controller Area Network Controllers (DCAN)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
CAN1RX
90
I/O
Pull Up
Programmable,
CAN1 receive, or GPIO
20 µA
CAN1TX
89
CAN1 transmit, or GPIO
CAN2RX
129
CAN2 receive, or GPIO
CAN2TX
128
CAN2 transmit, or GPIO
CAN3RX
12
CAN3 receive, or GPIO
CAN3TX
13
CAN3 transmit, or GPIO
16
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com