Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 25Page - Texas Instruments TMS570LS1114 Datasheet HTML 26Page - Texas Instruments TMS570LS1114 Datasheet HTML 27Page - Texas Instruments TMS570LS1114 Datasheet HTML 28Page - Texas Instruments TMS570LS1114 Datasheet HTML 29Page - Texas Instruments TMS570LS1114 Datasheet HTML 30Page - Texas Instruments TMS570LS1114 Datasheet HTML 31Page - Texas Instruments TMS570LS1114 Datasheet HTML 32Page - Texas Instruments TMS570LS1114 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
4.3.2.7
Controller Area Network Controllers (DCAN)
Table 4-26. ZWT Controller Area Network Controllers (DCAN)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
CAN1RX
B10
I/O
Pull Up
Programmable,
CAN1 receive, or GPIO
20 µA
CAN1TX
A10
CAN1 transmit, or GPIO
CAN2RX
H1
CAN2 receive, or GPIO
CAN2TX
H2
CAN2 transmit, or GPIO
CAN3RX
M19
CAN3 receive, or GPIO
CAN3TX
M18
CAN3 transmit, or GPIO
4.3.2.8
Local Interconnect Network Interface Module (LIN)
Table 4-27. ZWT Local Interconnect Network Interface Module (LIN)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
LINRX
A7
I/O
Pull Up
Programmable,
LIN receive, or GPIO
20 µA
LINTX
B7
LIN transmit, or GPIO
4.3.2.9
Standard Serial Communication Interface (SCI)
Table 4-28. ZWT Standard Serial Communication Interface (SCI)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
N2HET1[6]/SCIRX/EPWM5A
W3
I/O
Pull Down
Programmable,
SCI receive, or GPIO
20 µA
N2HET1[13]/SCITX/EPWM5B
N2
SCI transmit, or GPIO
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
29
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com