Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 99Page - Texas Instruments TMS570LS1114 Datasheet HTML 100Page - Texas Instruments TMS570LS1114 Datasheet HTML 101Page - Texas Instruments TMS570LS1114 Datasheet HTML 102Page - Texas Instruments TMS570LS1114 Datasheet HTML 103Page - Texas Instruments TMS570LS1114 Datasheet HTML 104Page - Texas Instruments TMS570LS1114 Datasheet HTML 105Page - Texas Instruments TMS570LS1114 Datasheet HTML 106Page - Texas Instruments TMS570LS1114 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 6-36. Reset/Abort/Error Sources (continued)
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
group.channel
N2HET1
Memory parity error
User/Privilege
ESM
1.7
N2HET2
Memory parity error
User/Privilege
ESM
1.34
MIBSPI
MibSPI1 memory parity error
User/Privilege
ESM
1.17
MibSPI3 memory parity error
User/Privilege
ESM
1.18
MibSPI5 memory parity error
User/Privilege
ESM
1.24
MIBADC
MibADC1 Memory parity error
User/Privilege
ESM
1.19
MibADC2 Memory parity error
User/Privilege
ESM
1.1
DCAN
DCAN1 memory parity error
User/Privilege
ESM
1.21
DCAN2 memory parity error
User/Privilege
ESM
1.23
DCAN3 memory parity error
User/Privilege
ESM
1.22
PLL
PLL slip error
User/Privilege
ESM
1.10
PLL #2 slip error
User/Privilege
ESM
1.42
CLOCK MONITOR
Clock monitor interrupt
User/Privilege
ESM
1.11
DCC
DCC1 error
User/Privilege
ESM
1.30
DCC2 error
User/Privilege
ESM
1.62
CCM-R4
Self test failure
User/Privilege
ESM
1.31
Compare failure
User/Privilege
ESM => NMI => nERROR
2.2
VIM
Memory parity error
User/Privilege
ESM
1.15
VOLTAGE MONITOR
VMON out of voltage range
n/a
Reset
n/a
CPU SELFTEST (LBIST)
CPU Selftest (LBIST) error
User/Privilege
ESM
1.27
PIN MULTIPLEXING CONTROL
Mux configuration error
User/Privilege
ESM
1.37
POWER DOMAIN CONTROL
PSCON compare error
User/Privilege
ESM
1.38
PSCON self-test error
User/Privilege
ESM
1.39
eFuse CONTROLLER
eFuse Controller Autoload error
User/Privilege
ESM => nERROR
3.1
eFuse Controller - Any bit set in the error status register
User/Privilege
ESM
1.40
eFuse Controller self-test error
User/Privilege
ESM
1.41
WINDOWED WATCHDOG
WWD Non-Maskable Interrupt exception
n/a
ESM => NMI => nERROR
2.24
ERRORS REFLECTED IN THE SYSESR REGISTER
Power-Up Reset
n/a
Reset
n/a
Oscillator fail / PLL slip(2)
n/a
Reset
n/a
(2)
Oscillator fail/PLL slip can be configured in the system register (SYS.PLLCTL1) to generate a reset.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
103
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com