Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 148Page - Texas Instruments TMS570LS1114 Datasheet HTML 149Page - Texas Instruments TMS570LS1114 Datasheet HTML 150Page - Texas Instruments TMS570LS1114 Datasheet HTML 151Page - Texas Instruments TMS570LS1114 Datasheet HTML 152Page - Texas Instruments TMS570LS1114 Datasheet HTML 153Page - Texas Instruments TMS570LS1114 Datasheet HTML 154Page - Texas Instruments TMS570LS1114 Datasheet HTML 155Page - Texas Instruments TMS570LS1114 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 7-36. SPI Slave Mode External Timing Parameters (CLOCK PHASE = 1, SPICLK = input, SPISIMO =
input, and SPISOMI = output)(1)(2)(3)(4)
NO.
Parameter
MIN
MAX
Unit
1
tc(SPC)S
Cycle time, SPICLK(5)
40
ns
2(6)
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
14
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
14
3(6)
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
14
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
14
4(6)
td(SOMI-SPCL)S
Delay time, SPISOMI data valid after SPICLK low
trf(SOMI) + 20
ns
(clock polarity = 0)
td(SOMI-SPCH)S
Delay time, SPISOMI data valid after SPICLK high
trf(SOMI) + 20
(clock polarity = 1)
5(6)
th(SPCL-SOMI)S
Hold time, SPISOMI data valid after SPICLK high
2
ns
(clock polarity =0)
th(SPCH-SOMI)S
Hold time, SPISOMI data valid after SPICLK low (clock
2
polarity =1)
6(6)
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock
4
ns
polarity = 0)
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity
4
= 1)
7(6)
tv(SPCH-SIMO)S
High time, SPISIMO data valid after SPICLK high
2
ns
(clock polarity = 0)
tv(SPCL-SIMO)S
High time, SPISIMO data valid after SPICLK low (clock
2
polarity = 1)
8
td(SPCH-SENAH)S Delay time, SPIENAn high after last SPICLK high
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn) + 22
ns
(clock polarity = 0)
td(SPCL-SENAH)S Delay time, SPIENAn high after last SPICLK low (clock
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn) + 22
polarity = 1)
9
td(SCSL-SENAL)S
Delay time, SPIENAn low after SPICSn low (if new data
tf(ENAn)
tc(VCLK)+tf(ENAn)+ 27
ns
has been written to the SPI buffer)
10
td(SCSL-SOMI)S
Delay time, SOMI valid after SPICSn low (if new data
tc(VCLK)
2tc(VCLK)+trf(SOMI)+ 28
ns
has been written to the SPI buffer)
(1)
The MASTER bit (SPIGCR1.0) is cleared and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
If the SPI is in slave mode, the following must be true: tc(SPC)S
≤ (PS + 1) tc(VCLK), where PS = prescale value set in SPIFMTx.[15:8].
(3)
For rise and fall timings, see Table 5-7.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(5)
When the SPI is in Slave mode, the following must be true:
For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)S = 2tc(VCLK) ≥ 40ns.
(6)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
152
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com