Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 22 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 22 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 18Page - Microchip Technology CAP1214 Datasheet HTML 19Page - Microchip Technology CAP1214 Datasheet HTML 20Page - Microchip Technology CAP1214 Datasheet HTML 21Page - Microchip Technology CAP1214 Datasheet HTML 22Page - Microchip Technology CAP1214 Datasheet HTML 23Page - Microchip Technology CAP1214 Datasheet HTML 24Page - Microchip Technology CAP1214 Datasheet HTML 25Page - Microchip Technology CAP1214 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
22
SMSC CAP1214
DATASHEET
Chapter 5 Product Description
The CAP1214 is a multiple channel Capacitive Touch sensor and LED Driver.
The CAP1214 has up to 14 individual Capacitive Touch sensor inputs with programmable sensitivity
for use in touch button and slider switch applications. Each sensor input includes automatic
recalibration.
The CAP1214 also has eleven (11) open drain LED drivers that offer full-on / off, variable rate
breathing, and dimness controls. Eight (8) of these LEDs can double as GPIOs and support open-drain
or push-pull operation. Additionally, LEDs 1-7 may be optionally linked to Buttons 1-7 so that when a
touch is detected, the LED is actuated.
The device communicates with a host controller using SMBus. The host controller may poll the device
for updated information at any time or it may configure the device to flag an interrupt whenever a press
is detected on any sensor.
Each sensor input is polled by the device approximately every 35 ms. The host may also initiate a
recalibration routine for one or more sensor inputs or set up times and conditions so that the device
automatically invokes the re-calibration routine.
The CAP1214 contains multiple power states including several low power operating states. In addition,
it contains a user driven RESET pin.
A typical system diagram is shown in Figure 5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com