Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 75 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 75 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology CAP1214 Datasheet HTML 73Page - Microchip Technology CAP1214 Datasheet HTML 74Page - Microchip Technology CAP1214 Datasheet HTML 75Page - Microchip Technology CAP1214 Datasheet HTML 76Page - Microchip Technology CAP1214 Datasheet HTML 77Page - Microchip Technology CAP1214 Datasheet HTML 78Page - Microchip Technology CAP1214 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
75
Revision 1.0 (08-30-10)
DATASHEET
6.37
Sampling Configuration Register
The Sampling Configuration Register controls the length of the sampling window of selected Capacitive
Touch Sensor channels as indicated in the Sampling Channel Select register.
Increasing the sampling window time will have two effects. The first effect will be to increase the
effective sensitivity of that particular channel so that a touch may be detected with a smaller
ΔC.
However, at the larger sampling times, the resolution of the measurement is reduced.
The second effect will be increase the overall round robin rate (and all timing associated with the round
robin rate such as re-calibration times, repeat rate times, and maximum duration times).
All Capacitive Touch Sensors default to a sampling time of 2.5ms. Increasing the sampling time of any
single channel will increase the overall polling cycle by the same amount.
Bits 2 - 0 - OVERSAMP_RATE[2:0] - Determine the time to take a single sample. This setting applies
to all selected sensors.
6.38
Sensor Base Count Registers
Table 6.55 Sampling Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Fh
R/W
Sampling
Configuration
-----
OVERSAMP_RATE[2:0]
00h
Table 6.56 OVERSAMP_RATE Bit Decode
OVERSAMP_RATE[2:0]
SENSOR SAMPLING
TIME
21
0
10
0
40ms
10
1
20ms
11
0
10ms
11
1
5ms
0
0
0
2.5ms (default)
00
1
1.28ms
01
0
0.64ms
01
1
0.32ms
Table 6.57 Sensor Base Count Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
50h
R
Sensor 1 Base
Count
128
64
32
16
8
4
2
1
00h
51h
R
Sensor 2 Base
Count
128
64
32
16
8
4
2
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com