Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 95 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 95 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 91Page - Microchip Technology CAP1214 Datasheet HTML 92Page - Microchip Technology CAP1214 Datasheet HTML 93Page - Microchip Technology CAP1214 Datasheet HTML 94Page - Microchip Technology CAP1214 Datasheet HTML 95Page - Microchip Technology CAP1214 Datasheet HTML 96Page - Microchip Technology CAP1214 Datasheet HTML 97Page - Microchip Technology CAP1214 Datasheet HTML 98Page - Microchip Technology CAP1214 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
95
Revision 1.0 (08-30-10)
DATASHEET
APPLICATION NOTE:
When operating in Direct behavior mode, changes to the Duty Cycle settings will be applied
immediately. When operating in Breathe, Pulse 1, or Pulse 2 modes, the LED must be
unactuated and then re-actuated before changes to behavior are processed.
Bits 7 - 4 - LED_X_MAX_DUTY[3:0] - Determines the maximum PWM duty cycle for the LED drivers
as shown in Table 6.84
Bits 3 - 0 - LED_X_MIN_DUTY[3:0] - Determines the minimum PWM duty cycle for the LED drivers
as shown in Table 6.84.
6.58
LED Direct Ramp Rates Register
The LED Direct Ramp Rates Register control the rising and falling edge time of an LED that is
configured to operate in Direct behavior mode. The rising edge time corresponds to the amount of time
the LED takes to transition from its minimum duty cycle to its maximum duty cycle. Conversely, the
Table 6.84 LED Duty Cycle Decode
X_MAX/MIN_DUTY [3:0]
MAXIMUM DUTY
CYCLE
MINIMUM DUTY
CYCLE
32
1
0
0
0
0
0
7%
0%
0
0
0
1
9%
7%
00
1
0
11%
9%
00
1
1
14%
11%
0
1
0
0
17%
14%
0
1
0
1
20%
17%
0
1
1
0
23%
20%
0
1
1
1
26%
23%
1
0
0
0
30%
26%
1
0
0
1
35%
30%
1
0
1
0
40%
35%
1
0
1
1
46%
40%
1
1
0
0
53%
46%
1
1
0
1
63%
53%
1
1
1
0
77%
63%
1
1
1
1
100%
77%
Table 6.85 LED Direct Ramp Rates Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
94h
R/W
LED Direct
Ramp Rates
-
-
RISE_RATE[2:0]
FALL_RATE[2:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com