Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 77 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 77 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 73Page - Microchip Technology CAP1214 Datasheet HTML 74Page - Microchip Technology CAP1214 Datasheet HTML 75Page - Microchip Technology CAP1214 Datasheet HTML 76Page - Microchip Technology CAP1214 Datasheet HTML 77Page - Microchip Technology CAP1214 Datasheet HTML 78Page - Microchip Technology CAP1214 Datasheet HTML 79Page - Microchip Technology CAP1214 Datasheet HTML 80Page - Microchip Technology CAP1214 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
77
Revision 1.0 (08-30-10)
DATASHEET
The LED Status Registers indicate when an LED has completed its configured behavior (see Section
6.51, "LED Behavior Registers") after being actuated by the host (see Section 6.46, "LED Output
Control Registers"). These bits are ignored when the LED is linked to a capacitive sensor input. The
bits are cleared when the INT bit has been cleared. Likewise, these bits are cleared when the DSLEEP
bit is set.
6.39.1
LED Status 1
Bit 7 - LED8_DN - Indicates that LED8 has finished its behavior after being actuated by the host.
Bit 6 - LED7_DN - Indicates that LED7 has finished its behavior after being actuated by the host.
Bit 5 - LED6_DN - Indicates that LED6 has finished its behavior after being actuated by the host.
Bit 4 - LED5_DN - Indicates that LED5 has finished its behavior after being actuated by the host.
Bit 3 - LED4_DN - Indicates that LED4 has finished its behavior after being actuated by the host.
Bit 2 - LED3_DN - Indicates that LED3 has finished its behavior after being actuated by the host.
Bit 1 - LED2_DN - Indicates that LED2 has finished its behavior after being actuated by the host.
Bit 0 - LED1_DN - Indicates that LED1 has finished its behavior after being actuated by the host.
6.39.2
LED Status 2
Bit 2 - LED11_DN - Indicates that LED11 has finished its behavior after being actuated by the host.
Bit 1 - LED10_DN - Indicates that LED10 has finished its behavior after being actuated by the host.
Bit 0 - LED9_DN - Indicates that LED9 has finished its behavior after being actuated by the host.
6.40
Feedback Configuration Register
The Feedback Configuration Register controls the output of the FEEDBACK pin (see Section 5.7,
"FEEDBACK Pin").
APPLICATION NOTE: When linked to one or more sensors, the FEEDBACK pin will be activated when a touch is
detected. If the duration, frequency, or linking is changed while the FEEDBACK pin is active,
these changes will be applied the next time that the FEEDBACK pin is activated.
APPLICATION NOTE: If linked to one or more sensors and a second touch is detected while the FEEDBACK pin
is active, it will be restarted immediately without completing the current activity duration. Any
previously programmed setting changes are applied.
Bits 7-5 - FDBK_DUR[2:0] - Controls the duration of the FEEDBACK pin output (see Table 6.60).
Table 6.59 Feedback Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
62h
R/W
Feedback
Configuration
FDBK_DUR[2:0]
FDBK_FREQ[4:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com