Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 85 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 85 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 81Page - Microchip Technology CAP1214 Datasheet HTML 82Page - Microchip Technology CAP1214 Datasheet HTML 83Page - Microchip Technology CAP1214 Datasheet HTML 84Page - Microchip Technology CAP1214 Datasheet HTML 85Page - Microchip Technology CAP1214 Datasheet HTML 86Page - Microchip Technology CAP1214 Datasheet HTML 87Page - Microchip Technology CAP1214 Datasheet HTML 88Page - Microchip Technology CAP1214 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
85
Revision 1.0 (08-30-10)
DATASHEET
6.49
LED Mirror Control
The LED Mirror Control Registers determine the meaning of duty cycle settings when polarity is non-
inverted for each LED channel. When the polarity bit is set to ‘1’ (non-inverted), to obtain correct steps
for LED ramping, pulse, and breathe behaviors, the min and max duty cycles need to be relative to
100%, rather than the default, which is relative to 0%.
APPLICATION NOTE: The LED drive assumes that the LEDs are configured such that if the LED pin is driven to
a logic ‘0’, the LED will be on and the CAP1214 LED pin is sinking the LED current. When
the polarity bit is set to ‘1’, it is considered non-inverted. For systems using the opposite LED
configuration, mirror controls would apply when the polarity bit is ‘0’.
These bits are changed automatically if the corresponding LED Polarity bit is changed (unless the
BLK_POL_MIR bit is set - see Section 6.33).
6.49.1
LED Mirror Control 1 - 79h
Bit 7 - LED8_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
‘0’ (default) - The duty cycle settings are determined relative to 0% and are determined directly with
the settings.
‘1’ - The duty cycle settings are determined relative to 100%.
Bit 6 - LED7_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Bit 5 - LED6_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Bit 4 - LED5_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Bit 3 - LED4_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Bit 2 - LED3_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Bit 1 - LED2_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Bit 0 - LED1_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
Table 6.70 LED Mirror Control Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
79h
R/W
LED Mirror
Control 1
LED8_
MIR _
EN
LED7_
MIR _
EN
LED6_
MIR _
EN
LED5_
MIR _
EN
LED4_
MIR _
EN
LED3_
MIR _
EN
LED2_
MIR _
EN
LED1_
MIR _
EN
00h
7Ah
R/W
LED Mirror
Control 2
--
-
-
-
LED11_
MIR _
EN
LED10_
MIR _
EN
LED9_
MIR _
EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com