Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 65 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 65 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 61Page - Microchip Technology CAP1214 Datasheet HTML 62Page - Microchip Technology CAP1214 Datasheet HTML 63Page - Microchip Technology CAP1214 Datasheet HTML 64Page - Microchip Technology CAP1214 Datasheet HTML 65Page - Microchip Technology CAP1214 Datasheet HTML 66Page - Microchip Technology CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
65
Revision 1.0 (08-30-10)
DATASHEET
Note 6.1
Recalibration Samples refers to the number of samples that are measured and averaged
before the Base Count is updated.
Note 6.2
Update Time refers to the amount of time (in polling cycle periods) that elapses before the
Base Count is updated.
6.28
Sensor Threshold Registers
The Sensor Threshold Registers store the delta threshold that is used to determine if a touch has been
detected. When a touch occurs, the input signal of the corresponding sensor changes due to the
capacitance associated with a touch. If the sensor input change exceeds the threshold settings, a
touch is detected.
When the BUT_LD_TH bit is set (see Section 6.27 - bit 7), writing data to the Sensor 1 Threshold
register will update all of the button threshold registers (31h - 36h inclusive).
When the GP_LD_TH bit is set (see Section 6.27 - bit 6), writing data to the Sensor 1 Threshold
register (30h) will update the Group Threshold register (37h).
Individual button registers and the Group Threshold register may be updated independently of the
Sensor 1 Threshold settings.
Table 6.40 Sensor Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
Sensor 1
Threshold
-64
32
16
8
4
2
1
40h
31h
R/W
Sensor 2
Threshold
-64
32
16
8
4
2
1
40h
32h
R/W
Sensor 3
Threshold
-64
32
16
8
4
2
1
40h
33h
R/W
Sensor 4
Threshold
-64
32
16
8
4
2
1
40h
34h
R/W
Sensor 5
Threshold
-64
32
16
8
4
2
1
40h
35h
R/W
Sensor 6
Threshold
-64
32
16
8
4
2
1
40h
36h
R/W
Sensor 7
Threshold
-64
32
16
8
4
2
1
40h
37h
R/W
Group
Threshold
-64
32
16
8
4
2
1
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com