Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 78 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 78 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 74Page - Microchip Technology CAP1214 Datasheet HTML 75Page - Microchip Technology CAP1214 Datasheet HTML 76Page - Microchip Technology CAP1214 Datasheet HTML 77Page - Microchip Technology CAP1214 Datasheet HTML 78Page - Microchip Technology CAP1214 Datasheet HTML 79Page - Microchip Technology CAP1214 Datasheet HTML 80Page - Microchip Technology CAP1214 Datasheet HTML 81Page - Microchip Technology CAP1214 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
78
SMSC CAP1214
DATASHEET
Bits 4-0 - FDBK_FREQ[4:0] - Controls the frequency of the FEEDBACK pin output. The LSB
represents 125Hz. For example, a setting of 00100b (04d) represents a frequency of 500Hz (125Hz x
4 = 500Hz). The total range is from 125 Hz to 3875Hz.
A setting of 00000b uses DC, which will set the output full high for the specified duration.
6.41
Feedback Channel Configuration Registers
The Feedback Channel Configuration Registers control which sensors are linked to the FEEDBACK
pin (see Section 5.7, "FEEDBACK Pin").
6.41.1
Feedback Channel Configuration 1
For all bits in this register:
‘0’ (default) - The sensor input is not linked to the FEEDBACK pin.
‘1’ - The sensor is linked to the FEEDBACK pin and will assert the pin when a touch is detected.
Bit 6 - CS7_FDBK - Links the CS7 input to the FEEDBACK pin.
Bit 5 - CS6_FDBK - Links the CS6 input to the FEEDBACK pin.
Bit 4 - CS5_FDBK - Links the CS5 input to the FEEDBACK pin.
Table 6.60 FDBK_DUR Bit Decode
FDBK_DUR[2:0]
DURATION
21
0
0
0
0
0 (disabled) (default)
00
1
8ms
01
0
16ms
01
1
32ms
10
0
64ms
1
0
1
128ms
1
1
0
256ms
1
1
1
while button is pressed
Table 6.61 Feedback Channel Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
63h
R/W
Feedback
Channel
Configuration 1
-
CS7_
FDBK
CS6_
FDBK
CS5_
FDBK
CS4_
FDBK
CS3_
FDBK
CS2_
FDBK
CS1_
FDBK
00h
64h
R/W
Feedback
Channel
Configuration 2
-
CS14_
FDBK
CS13_
FDBK
CS12_
FDBK
CS11_
FDBK
CS10_
FDBK
CS9_
FDBK
CS8_
FDBK
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com