Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 38 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 38 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 34Page - Microchip Technology CAP1214 Datasheet HTML 35Page - Microchip Technology CAP1214 Datasheet HTML 36Page - Microchip Technology CAP1214 Datasheet HTML 37Page - Microchip Technology CAP1214 Datasheet HTML 38Page - Microchip Technology CAP1214 Datasheet HTML 39Page - Microchip Technology CAP1214 Datasheet HTML 40Page - Microchip Technology CAP1214 Datasheet HTML 41Page - Microchip Technology CAP1214 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
38
SMSC CAP1214
DATASHEET
54h
R
Sensor 5 Base Count
Stores the reference count value
for sensor 5
00h
Page 75
55h
R
Sensor 6 Base Count
Stores the reference count value
for sensor 6
00h
Page 75
56h
R
Sensor 7 Base Count
Stores the reference count value
for sensor 7
00h
Page 75
57h
R
Sensor 8 Base Count
Stores the reference count value
for sensor 8
00h
Page 75
58h
R
Sensor 9 Base Count
Stores the reference count value
for sensor 9
00h
Page 75
59h
R
Sensor 10 Base
Count
Stores the reference count value
for sensor 10
00h
Page 75
5Ah
R
Sensor 11 Base
Count
Stores the reference count value
for sensor 11
00h
Page 75
5Bh
R
Sensor 12 Base
Count
Stores the reference count value
for sensor 12
00h
Page 75
5Ch
R
Sensor 13 Base
Count
Stores the reference count value
for sensor 13
00h
Page 75
5Dh
R
Sensor 14 Base
Count
Stores the reference count value
for sensor 14
00h
Page 75
60h
R
LED Status 1
Stores status bits for LEDs 1 - 8
00h
Page 76
61h
R
LED Status 2
Stores status bits for LEDs 9 - 11
00h
Page 76
62h
R/W
Feedback
Configuration
Controls FEEDBACK pin duration
and frequency
00h
Page 77
63h
R/W
Feedback Channel
Configuration 1
Controls whether sensors 1 - 7 can
assert the FEEDBACK pin
00h
Page 78
64h
R/W
Feedback Channel
Configuration 2
Controls whether sensors 8 - 14
can assert the FEEDBACK pin
00h
Page 78
65h
R/W
Feedback One-Shot
Asserts FEEDBACK pin
00h
Page 79
70h
R/W
LED / GPIO Direction
Controls the direction for LED1/
GPIO1 through LED8 / GPIO8
00h
Page 79
71h
R/W
LED / GPIO Output
Type
Controls the output type for LED1
/ GPIO1 through LED8 / GPIO8
00h
Page 80
72h
R
GPIO Input
Stores the pin state of LED1 /
GPIO1 through LED8 / GPIO8
00h
Page 81
73h
R/W
LED Output Control 1
Controls the output state of the
LED drivers 1 - 8
00h
Page 81
74h
R/W
LED Output Control 2
Controls the output state of the
LED drivers 9 - 11
00h
Page 81
75h
R/W
LED Polarity 1
Controls the output polarity of
LEDs 1 - 8
00h
Page 82
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com