Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 34 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 34 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 30Page - Microchip Technology CAP1214 Datasheet HTML 31Page - Microchip Technology CAP1214 Datasheet HTML 32Page - Microchip Technology CAP1214 Datasheet HTML 33Page - Microchip Technology CAP1214 Datasheet HTML 34Page - Microchip Technology CAP1214 Datasheet HTML 35Page - Microchip Technology CAP1214 Datasheet HTML 36Page - Microchip Technology CAP1214 Datasheet HTML 37Page - Microchip Technology CAP1214 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
34
SMSC CAP1214
DATASHEET
Chapter 6 Register Description
The registers shown in Table 6.1 are accessible through the SMBus. An entry of ‘-’ indicates that the
bit is not used and will always read ‘0’.
Table 6.1 Register Set in Hexadecimal Order
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE
00h
R/W
Main Status Control
Controls general power states
00h
Page 41
03h
R
Button Status 1
Returns the state of the Cap
Sensor group and buttons 1 - 6
and slider controls
00h
Page 42
04h
R
Button Status 2
Returns the state of buttons 7 - 14
00h
Page 42
05h
R
Build Revision
Stores the functional revision of
the device build
10h
Page 43
06h
R-C /
R/W
Slider Position /
Volumetric Data
Returns the relative position of a
press on the slider or volumetric
data
00h
Page 44
08h
R
Vendor ID
Stores a fixed value that identifies
SMSC
5Dh
Page 45
09h
R/W
Volumetric Step
Controls the step used for
volumetric data increases for a
slide
01h
Page 45
0Ah
R
Noise Status 1
Stores the noise flags for sensors
1 - 7
00h
Page 46
0Bh
R
Noise Status 2
Stores the noise flags for sensors
8 - 14
00h
Page 46
0Ch
R
Lid Closure Status 1
Stores lid closure status bits for
sensors 1 - 7
00h
Page 46
0Dh
R
Lid Closure Status 2
Stores lid closure status bits for
sensors 8 - 14
00h
Page 46
0Eh
R-C
GPIO Status
Stores the status of LED1 / GPIO1
through LED8 / GPIO8 pins
00h
Page 47
0Fh
R-C
Group Status
Returns the state of the Grouped
sensors
00h
Page 47
10h
R
Sensor 1 Delta
Count
Stores the delta count for CS1
00h
Page 48
11h
R
Sensor 2 Delta
Count
Stores the delta count for CS2
00h
Page 48
12h
R
Sensor 3 Delta
Count
Stores the delta count for CS3
00h
Page 48
13h
R
Sensor 4 Delta
Count
Stores the delta count for CS4
00h
Page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com