Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 20Page - Microchip Technology CAP1214 Datasheet HTML 21Page - Microchip Technology CAP1214 Datasheet HTML 22Page - Microchip Technology CAP1214 Datasheet HTML 23Page - Microchip Technology CAP1214 Datasheet HTML 24Page - Microchip Technology CAP1214 Datasheet HTML 25Page - Microchip Technology CAP1214 Datasheet HTML 26Page - Microchip Technology CAP1214 Datasheet HTML 27Page - Microchip Technology CAP1214 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
24
SMSC CAP1214
DATASHEET
1. Fully Active - The device is monitoring all active Capacitive Sensor channels and driving all LED
channels as defined.
2. Sleep - The device is monitoring a limited number of Capacitive Sensor channels (default 0).
Interrupts will still be generated based on the active channels. The device will still respond to
SMBus commands normally and can be returned to the Fully Active state by clearing the SLEEP
bit. The LED11 channel is controlled via the PWR_LED control (see Section 6.1). All other LEDs
will not be affected.
3. Deep Sleep - The device is not monitoring any Capacitive Sensor channels. The LED11 channel
is controlled via the PWR_LED control (see Section 6.1). All other LEDs will be driven to their
programmed non-actuated state and no PWM operations will be done.
When the device enters the Deep Sleep state, it will release control to the ALERT pin and will
change the direction of the ALERT pin (i.e. the device will monitor the ALERT pin instead of driving
it).
APPLICATION NOTE: When the device enters the Deep Sleep state, the Slider Position / Volumetric Data Register
(06h) is cleared, if the register is set to represent position data.
The device has two methods to exit the Deep Sleep state. They are:
a. The ALERT pin is driven to its active state.
b. Any SMBus communications are directed at the device.
When the device leaves the Deep Sleep state, it automatically returns to its previously defined state
and clears the DSLEEP bit.
4. Inactive - The device is not monitoring any Capacitive Sensor channels. The device will still
respond to SMBus commands normally and can be returned to Fully Active state by clearing the
DEACT bit. All LEDs will have PWM controls suspended so they should be disabled prior to
entering this state. If these LEDs are not disabled, the system will show excess current draw from
these LEDs.
The priority of power control signals is:
1. DSLEEP - when set, will override DEACT and disable all LEDs except LED11.
2. DEACT - when set, will override the SLEEP controls. It will disable sensor measurement and all
LEDs.
3. SLEEP - when set, will enable Sleep state.
Table 5.1 Power States
POWER STATE
INACTIVE
SLEEP
DSLEEP
Fully Active
0
0
0
Deep Sleep waking to Fully Active
0
0
1
Sleep
010
Deep Sleep waking to Sleep
0
1
1
Inactive
100
Deep Sleep waking to Inactive
1
0
1
Inactive
110
Deep Sleep waking to Inactive
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com