Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 94 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 94 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 90Page - Microchip Technology CAP1214 Datasheet HTML 91Page - Microchip Technology CAP1214 Datasheet HTML 92Page - Microchip Technology CAP1214 Datasheet HTML 93Page - Microchip Technology CAP1214 Datasheet HTML 94Page - Microchip Technology CAP1214 Datasheet HTML 95Page - Microchip Technology CAP1214 Datasheet HTML 96Page - Microchip Technology CAP1214 Datasheet HTML 97Page - Microchip Technology CAP1214 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
94
SMSC CAP1214
DATASHEET
Bit 3 - VAR_PWM - Determines whether fixed or variable PWM frequency will be used for LED11.
‘0’ (default) - LED11 PWM frequency is fixed, regardless of pulse/breathe period and/or minimum
and maximum duty cycle settings.
‘1’ - LED11 PWM frequency is variable, based on pulse/breathe period (if behavior is not Direct)
and minimum and maximum duty cycle settings.
Bits 2 - 0 - LED11_CLK[2:0] - Determines the base clock frequency used for LED11, as shown in
Table 6.82.
APPLICATION NOTE:
If the base frequency is reduced, but the number of steps is not reduced, resolution may be
lost and period lengths may be different than calculated.
6.57
LED Pulse and Breathe Duty Cycle Registers
The LED Pulse 1, Pulse 2, Breathe, and Direct Duty Cycle Registers determine the minimum and
maximum duty cycle settings used for the LEDs for each LED behavior. These settings affect the
brightness of the LED when it is fully off and fully on.
The LED driver duty cycle will ramp up from the minimum duty cycle to the maximum duty cycle and
back down again.
Table 6.82 LED11_CLK Decode
LED11_CLK[2:0]
CLOCK RUNNING LED11
21
0
0
0
0
500kHz (default)
00
1
125kHz
0
1
0
62.5kHz
0
1
1
31.25kHz
1
0
0
15.625kHz
1
0
1
7.8125kHz
11
0
500kHz
11
1
500kHz
Table 6.83 LED Period and Breathe Duty Cycle Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
90h
R/W
LED Pulse 1
Duty Cycle
LED_P1_MAX_DUTY[3:0]
LED_P1_MIN_DUTY[3:0]
F0h
91h
R/W
LED Pulse 2
Duty cycle
LED_P2_MAX_DUTY[3:0]
LED_P2_MIN_DUTY[3:0]
F0h
92h
R/W
LED Breathe
Duty Cycle
LED_BR_MAX_DUTY[3:0]
LED_BR_MIN_DUTY[3:0]
F0h
93h
R/W
Direct Duty
Cycle
LED_DR_MAX_DUTY[3:0]
LED_DR_MIN_DUTY[3:0]
F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com