Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 39 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 39 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 35Page - Microchip Technology CAP1214 Datasheet HTML 36Page - Microchip Technology CAP1214 Datasheet HTML 37Page - Microchip Technology CAP1214 Datasheet HTML 38Page - Microchip Technology CAP1214 Datasheet HTML 39Page - Microchip Technology CAP1214 Datasheet HTML 40Page - Microchip Technology CAP1214 Datasheet HTML 41Page - Microchip Technology CAP1214 Datasheet HTML 42Page - Microchip Technology CAP1214 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
39
Revision 1.0 (08-30-10)
DATASHEET
76h
R/W
LED Polarity 2
Controls the output polarity of
LEDs 9 - 11
00h
Page 82
77h
R/W
Linked LED
Transition Control 1
Controls transition effects of LEDS
1 - 7 when linked
00h
Page 84
78h
R/W
Linked LED
Transition Control 2
Controls transition effects of LEDS
9 - 10 when linked
00h
Page 84
79h
R/W
LED Mirror Control 1
Controls the duty cycle mirroring of
LEDs 1 - 8
00h
Page 85
7Ah
R/W
LED Mirror Control 2
Controls the duty cycle mirroring of
LEDs 9 - 11
00h
Page 85
80h
R/W
Sensor LED Linking
Controls linking of CS1 - CS7 to
LED channels
00h
Page 86
81h
R/W
LED Behavior 1
Controls the behavior and
response of LEDs 1 - 4
00h
Page 87
82h
R/W
LED Behavior 2
Controls the behavior and
response of LEDs 5 - 8
00h
Page 87
83h
R/W
LED Behavior 3
Controls the behavior and
response of LEDs 9 - 11
00h
Page 87
84h
R/W
LED Pulse 1 Period
Controls the period of each
breathe during a pulse
20h
Page 89
85h
R/W
LED Pulse 2 Period
Controls the period of breath and
pulse release operation
14h
Page 91
86h
R/W
LED Breathe Period
Controls the period of an LED
breathe operation
5Dh
Page 92
88h
R/W
LED Configuration
Controls the number of pulses for
the Pulse 1 and Pulse 2 LED
behaviors
24h
Page 92
8Ah
R/W
LED11 Configuration
Controls LED11 base frequency
and steps
00h
Page 93
90h
R/W
LED Pulse 1 Duty
Cycle
Determines the min and max duty
cycle for the pulse 1 operation
F0h
Page 94
91h
R/W
LED Pulse 2 Duty
Cycle
Determines the min and max duty
cycle for the pulse 2 operation
F0h
Page 94
92h
R/W
LED Breathe Duty
Cycle
Determines the min and max duty
cycle for the breathe operation
F0h
Page 94
93h
R/W
LED Direct Duty
Cycle
Determines the min and max duty
cycle for Direct mode LED
operation
F0h
Page 94
94h
R/W
LED Direct Ramp
Rates
Determines the rising and falling
edge ramp rates of the LED
00h
Page 95
95h
R/W
LED Off Delay
Determines the off delay for some
LED behaviors
00h
Page 96
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com