Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 89 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 89 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 85Page - Microchip Technology CAP1214 Datasheet HTML 86Page - Microchip Technology CAP1214 Datasheet HTML 87Page - Microchip Technology CAP1214 Datasheet HTML 88Page - Microchip Technology CAP1214 Datasheet HTML 89Page - Microchip Technology CAP1214 Datasheet HTML 90Page - Microchip Technology CAP1214 Datasheet HTML 91Page - Microchip Technology CAP1214 Datasheet HTML 92Page - Microchip Technology CAP1214 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
89
Revision 1.0 (08-30-10)
DATASHEET
APPLICATION NOTE: The PWM frequency is determined based on the selected LED behavior, the programmed
breathe period, and the programmed min and max duty cycles. For the Direct behavior
mode, the PWM frequency is calculated based on the programmed Rise and Fall times. If
these are set at 0, the maximum PWM frequency will be used based on the programmed
duty cycle settings.
6.52
LED Pulse 1 Period Register
The LED Pulse 1 Period Register determines the overall period of a pulse operation as determined by
the LED_CTL registers (see Table 6.73 - setting 01b). Each LSB represents 32ms so that a setting of
20h (32d) would represent a period of 1024ms (32ms x 32 = 1024ms). The total range is from 32ms
to 4.06 seconds as shown in Table 6.75.
The number of pulses is programmable as determined by the PULSE1_CNT bits (see Section 6.55).
Bit 7 - ST_TRIG - Determines the start trigger for the LED Pulse behavior.
‘0’ (default) - The LED will Pulse when a touch is detected or the drive bit is set.
‘1’ - The LED will Pulse when a release is detected or the drive bit is cleared.
The Pulse 1 operation is shown in Figure 6.1 (non-inverted polarity LEDx_POL = 1) and Figure 6.2
(inverted polarity LEDx_POL = 0).
1
0
Pulse 2
The LED will “Pulse” when the start trigger
is detected. When the stop trigger is
detected, it will “Pulse” a programmable
number of times then return to its minimum
brightness.
Touch Detected
or LED Output
Control bit set
Release
Detected or
LED Output
Control bit
cleared
1
1
Breathe
The LED will breathe. It will be driven with
a duty cycle that ramps up from the
programmed minimum duty cycle (default
0%) to the programmed maximum duty
cycle (default 100%) and then back down.
Each ramp takes up 50% of the
programmed period. The total period of
each “breath” is determined by the LED
Breathe Period controls - see Section 6.54.
Touch Detected
or LED Output
Control bit set
Release
Detected or
LED Control
Output bit
cleared
Table 6.74 LED Pulse 1 Period Register
ADDR
R/W
REGISTER
B7
B6B5B4B3B2
B1
B0
DEFAULT
84h
R/W
LED Pulse 1
Period
ST_
TRIG
P1_
PER6
P1_
PER5
P1_
PER4
P1_
PER3
P1_
PER2
P1_
PER1
P1_
PER0
20h
Table 6.73 LEDx_CTL Bit Decode (continued)
LEDX_CTL
[1:0]
OPERATION
DESCRIPTION
START
TRIGGER
STOP
TRIGGER
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com