Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 19 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 19 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 15Page - Microchip Technology CAP1214 Datasheet HTML 16Page - Microchip Technology CAP1214 Datasheet HTML 17Page - Microchip Technology CAP1214 Datasheet HTML 18Page - Microchip Technology CAP1214 Datasheet HTML 19Page - Microchip Technology CAP1214 Datasheet HTML 20Page - Microchip Technology CAP1214 Datasheet HTML 21Page - Microchip Technology CAP1214 Datasheet HTML 22Page - Microchip Technology CAP1214 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
19
Revision 1.0 (08-30-10)
DATASHEET
4.1.4
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that it receives. This is done by the client device
pulling the SMBus Data line low after the 8th bit of each byte that is transmitted. This applies to both
the Write Byte and Block Write protocols.
The Host will NACK (not acknowledge) the last data byte to be received from the client by holding the
SMBus data line high after the 8th data bit has been sent. For the Block Read protocol, the Host will
ACK each data byte that it receives except the last data byte.
4.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic
‘1’ state while the SMBus clock line is in a logic ‘1’ state. When the CAP1214 detects an SMBus Stop
bit, and it has been communicating with the SMBus protocol, it will reset its client interface and prepare
to receive further communications.
4.1.6
SMBus Time-out
The CAP1214 includes an SMBus time-out feature. Following a 30ms period of inactivity on the SMBus
where the SMCLK pin is held low, the device will time-out and reset the SMBus interface.
The time-out function defaults to disabled. It can be enabled by setting the TIMEOUT bit in the
Configuration register (see Section 6.14).
4.1.7
SMBus and I2C Compliance
The major differences between SMBus and I2C devices are highlighted here. For complete compliance
information, refer to the SMBus 2.0 specification.
1. Minimum frequency for SMBus communications is 10kHz. There is no minimum frequency for I2C.
2. For SMBus communications, the client protocol will reset if the clock is held low longer than 30ms.
3. For SMBus communications, the client protocol will reset if both the clock and the data line are
high for longer than 400us (idle condition).
4. I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
5. I2C devices support block read and write differently. I2C protocol allows for unlimited number of
bytes to be sent in either direction. The SMBus protocol requires that an additional data byte
indicating number of bytes to read / write is transmitted.
Note: The CAP1214 supports the I2C block read and write only.
4.2
SMBus Protocols
The CAP1214 is SMBus 2.0 compatible and supports Send Byte, Read Byte, Block Read, Receive
Byte as valid protocols as shown below. The CAP1214 also supports the I2C block read and block
write protocols.
All of the below protocols use the convention in Table 4.1.
Table 4.1 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
Data sent
Data sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com