Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 30 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 30 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 26Page - Microchip Technology CAP1214 Datasheet HTML 27Page - Microchip Technology CAP1214 Datasheet HTML 28Page - Microchip Technology CAP1214 Datasheet HTML 29Page - Microchip Technology CAP1214 Datasheet HTML 30Page - Microchip Technology CAP1214 Datasheet HTML 31Page - Microchip Technology CAP1214 Datasheet HTML 32Page - Microchip Technology CAP1214 Datasheet HTML 33Page - Microchip Technology CAP1214 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
30
SMSC CAP1214
DATASHEET
.
5.8.2
Grouped Sensor Interrupt Behavior
For grouped sensors, an interrupt is generated upon initial detection of a tap, slide, or press and hold
event. Subsequent interrupts are generated as follows:
1. For a slide event, an interrupt is generated based on the programmed repeat rate as well as the
velocity of the slide operation. See Figure 5.6 and Figure 5.7. Additional interrupts are generated
after the slide has finished. These extra interrupts are generated every round robin cycle (~35ms)
and the number is determined by the speed of the slide.
2. For a tap event there are no further interrupts. See Figure 5.4.
3. For a press and hold event, interrupts are generated based on the programmed repeat rate. If the
repeat rate is disabled, no further interrupts are generated. See Figure 5.5.
Figure 5.3 Button Interrupt Behavior - No Repeat Rate Enabled
Figure 5.4 Tap Interrupt Behavior
Touch Detected
ALERT Pin /
INT bit
Button Status
SMBus Write to
INT bit
Polling Cycle
(35ms)
Interrupt on
Touch
Optional
Interrupt on
Release
Touch Detected
ALERT Pin /
INT bit
Tap & UP / DOWN
Status
SMBus Write to
INT bit
Polling Cycle
(35ms)
M_PRESS
Setting (280ms)
Released before
M_PRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com