Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 29 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 29 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 25Page - Microchip Technology CAP1214 Datasheet HTML 26Page - Microchip Technology CAP1214 Datasheet HTML 27Page - Microchip Technology CAP1214 Datasheet HTML 28Page - Microchip Technology CAP1214 Datasheet HTML 29Page - Microchip Technology CAP1214 Datasheet HTML 30Page - Microchip Technology CAP1214 Datasheet HTML 31Page - Microchip Technology CAP1214 Datasheet HTML 32Page - Microchip Technology CAP1214 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
29
Revision 1.0 (08-30-10)
DATASHEET
Based on the multiple button touch settings (see Section 6.23), both CS8 and CS14 may detect a
touch simultaneously and both UP and DOWN status bits may be set.
5.7
FEEDBACK Pin
The FEEDBACK pin can drive an external device (such as a piezo transducer) to generate feedback
(sound or vibration) to the final application user. The FEEDBACK pin can be driven when a touch is
detected (see Section 6.41, "Feedback Channel Configuration Registers"), or it can be driven by the
host (see Section 6.42, "Feedback One-Shot Register"). Duration and frequency of the output are
programmable (see Section 6.40, "Feedback Configuration Register").
When activated, the FEEDBACK pin drives a 50% duty cycle signal at the programmed frequency for
the programmed duration.
5.8
ALERT Pin
The ALERT pin is an active high output that asserts when an interrupt event is detected. It is also used
to wake the device from Deep Sleep state.
Whenever an interrupt is generated, the INT bit (see Section 6.1) is set. The ALERT pin is cleared
when INT bit is cleared by the user. Additionally, if no press is detected, the status bits are cleared
when the INT bit is cleared.
5.8.1
Button Interrupt Behavior
For non-grouped buttons, an interrupt is generated when a touch is detected. If the repeat rate is
enabled (see Section 6.14), then, so long as the touch is held, another interrupt will be generated
based on the programmed repeat rate (see Figure 5.2) and upon release. If repeat rate is not enabled,
an interrupt is generated when a touch is detected and optionally, can be generated at release (see
Section 6.33 and Figure 5.3).
Figure 5.2 Button Interrupt Behavior - Repeat Rate Enabled
Touch Detected
ALERT Pin /
INT bit
Button Status
SMBus Write to
INT bit
Polling Cycle
(35ms)
Button Repeat Rate
(175ms)
Optional
Interrupt on
Release
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com