Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 80 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 80 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 76Page - Microchip Technology CAP1214 Datasheet HTML 77Page - Microchip Technology CAP1214 Datasheet HTML 78Page - Microchip Technology CAP1214 Datasheet HTML 79Page - Microchip Technology CAP1214 Datasheet HTML 80Page - Microchip Technology CAP1214 Datasheet HTML 81Page - Microchip Technology CAP1214 Datasheet HTML 82Page - Microchip Technology CAP1214 Datasheet HTML 83Page - Microchip Technology CAP1214 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
80
SMSC CAP1214
DATASHEET
Bit 7 - LED8_DIR - Controls the direction of the LED8 / GPIO8 pin.
‘0’ (default) - The LED8 / GPIO8 pin is configured as an input and cannot be used to drive an LED.
‘1’ - The LED8 / GPIO8 pin is configured as an output.
Bit 6 - LED7_DIR - Controls the direction of the LED7 / GPIO7 pin.
Bit 5 - LED6_DIR - Controls the direction of the LED6 / GPIO6 pin.
Bit 4 - LED5_DIR - Controls the direction of the LED5 / GPIO5 pin.
Bit 3 - LED4_DIR - Controls the direction of the LED4 / GPIO4 pin.
Bit 2 - LED3_DIR - Controls the direction of the LED3 / GPIO3 pin.
Bit 1 - LED2_DIR - Controls the direction of the LED2 / GPIO2 pin.
Bit 0 - LED1_DIR - Controls the direction of the LED1 / GPIO1 pin.
6.44
LED / GPIO Output Type Register
The LED / GPIO Output Type Register controls the type of output for the LEDx / GPIOx pins that are
configured to operate as outputs. Each pin is controlled by a single bit.
Bit 7 - LED8_OT - Determines the output type of LED8.
‘0’ (default) - The LED8 / GPIO8 pin is an open-drain output with an external pull-up resistor. When
the appropriate bit is set to the “active” state (logic ‘1’), the pin will be driven low. Conversely, when
the bit is set to the “inactive” state (logic ‘0’), the pin will be left in a high-Z state and pulled high
via an external pull-up resistor.
‘1’ - The LEDx / GPIO8 pin is a push-pull output. When driving a logic ‘1’, the pin is driven high.
When driving a logic ‘0’, the pin is driven low.
Bit 6 - LED7_OT - Determines the output type of LED7.
Bit 5 - LED6_OT - Determines the output type of LED6.
Bit 4 - LED5_OT - Determines the output type of LED5.
Bit 3 - LED4_OT - Determines the output type of LED4.
Bit 2 - LED3_OT - Determines the output type of LED3.
Bit 1 - LED2_OT - Determines the output type of LED2.
Bit 0 - LED1_OT - Determines the output type of LED1.
Table 6.64 LED / GPIO Output Type Register
ADDR
R/W
REGISTER
B7
B6B5B4B3
B2
B1
B0
DEFAULT
71h
R/W
LED / GPIO
Output Type
LED8_
OT
LED7_
OT
LED6_
OT
LED5_
OT
LED4_
OT
LED3_
OT
LED2_
OT
LED1_
OT
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com