Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 44 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 44 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 40Page - Microchip Technology CAP1214 Datasheet HTML 41Page - Microchip Technology CAP1214 Datasheet HTML 42Page - Microchip Technology CAP1214 Datasheet HTML 43Page - Microchip Technology CAP1214 Datasheet HTML 44Page - Microchip Technology CAP1214 Datasheet HTML 45Page - Microchip Technology CAP1214 Datasheet HTML 46Page - Microchip Technology CAP1214 Datasheet HTML 47Page - Microchip Technology CAP1214 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
44
SMSC CAP1214
DATASHEET
6.4
Slider Position / Volumetric Data Register
The Slider Position / Volumetric Data Register indicates the absolute position of a Tap, Slide, or Press
and Hold event detected on the Grouped sensors (slider). Alternately, the register stores volumetric
data that increases or decreased based on detected operations on the Grouped sensors (slider).
Bits 6-0 - POS[6:0] - Indicate absolute position or volumetric data as determined by the POS_VOL bit
(see Section 6.14).
6.4.1
Absolute Position
The absolute position of a single touch is available from this register. By interpolating information from
up to 3 adjacent buttons, 16 different positions are calculated by the CAP1214 from the center of one
button to the center of each adjacent button. The bits will encode a range from 2 to 98 indicative of
where the touch occurred. Table 6.6 shows an example of the settings assuming a single button is
pressed.
If a slide is detected on the Grouped sensors, the POS[6:0] bits will indicate the most recently touched
sensor (i.e. where the slide ended) however will not indicate where the slide originated.
APPLICATION NOTE: When the device enters the Deep Sleep state, the Slider Position / Volumetric Data Register
(06h) is cleared, if the register is set to represent position data.
APPLICATION NOTE: The register will be cleared to a value of 00h when it is read. It will be set to a valid position
when the next ALERT is generated. It will be updated at the respective repeat rate for a slide
or press and hold event regardless of whether it has been read or not. Therefore, it will only
show the position of the last touch detected at the time of the interrupt.
Table 6.5 Slider Position / Volumetric Data Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
06h
R-C /
R/W
Slider Position /
Volumetric Data
-
POS[6:0]
00h
Table 6.6 Example Slider Absolute Position Decode
TOUCH POSITION
POS[6:0]
SETTINGS
CS8
02h (2d)
CS9
12h (18d)
CS10
22h (34d)
CS11
32h (50d)
CS12
42h (68d)
CS13
52h (82d)
CS14
62h (98d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com