Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 92 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 92 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 88Page - Microchip Technology CAP1214 Datasheet HTML 89Page - Microchip Technology CAP1214 Datasheet HTML 90Page - Microchip Technology CAP1214 Datasheet HTML 91Page - Microchip Technology CAP1214 Datasheet HTML 92Page - Microchip Technology CAP1214 Datasheet HTML 93Page - Microchip Technology CAP1214 Datasheet HTML 94Page - Microchip Technology CAP1214 Datasheet HTML 95Page - Microchip Technology CAP1214 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
92
SMSC CAP1214
DATASHEET
6.54
LED Breathe Period Register
The LED Breathe Period Register determines the overall period of a breathe operation as determined
by the LED_CTL registers (see Table 6.73 - setting 11b). Each LSB represents 32ms so that a setting
of 14h (20d) would represent a period of 640ms. The total range is from 32ms to 4.06 seconds (see
Table 6.75).
6.55
LED Configuration Register
The LED Configuration Register controls the number of pulses that are sent for the Pulse 1 and Pulse
2 LED output behaviors.
Bit 6 - RAMP_ALERT - Determines whether the device will assert the ALERT pin when LEDs actuated
by the LED Output Control Register bits (see Section 6.46, "LED Output Control Registers") have
finished their respective behaviors.
‘0’ (default) - The ALERT pin will not be asserted when LEDs actuated by the LED Output Control
register have finished their programmed behaviors.
‘1’ - The ALERT pin will be asserted whenever any LED that is actuated by the LED Output Control
register has finished its programmed behavior.
Figure 6.4 Pulse 2 Behavior with Inverted Polarity
Table 6.77 LED Breathe Period Register
ADDR
R/W
REGISTER
B7
B6B5B4B3B2
B1
B0
DEFAULT
86h
R/W
LED Breathe
Period
-
BR_
PER6
BR_
PER5
BR_
PER4
BR_
PER3
BR_
PER2
BR_
PER1
BR_
PER0
5Dh
Table 6.78 LED Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
88h
R/W
LED Config
-
RAMP_
ALERT
PULSE2_CNT[2:0]
PULSE1_CNT[2:0]
24h
Normal –
untouched
operation
Normal –
untouched
operation
Touch Detected
Pulse 2 Max Duty Cycle * Brightness
Pulse 2 Min Duty Cycle * Brightness
X additional pulses after release
Release Detected
Pulse
Period
(P2_PER)
LED
Brightness
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com