Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 36 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 36 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 32Page - Microchip Technology CAP1214 Datasheet HTML 33Page - Microchip Technology CAP1214 Datasheet HTML 34Page - Microchip Technology CAP1214 Datasheet HTML 35Page - Microchip Technology CAP1214 Datasheet HTML 36Page - Microchip Technology CAP1214 Datasheet HTML 37Page - Microchip Technology CAP1214 Datasheet HTML 38Page - Microchip Technology CAP1214 Datasheet HTML 39Page - Microchip Technology CAP1214 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
36
SMSC CAP1214
DATASHEET
27h
R/W
Interrupt Enable 1
Enables Interrupts associated with
the grouped sensors and sensors
1 - 7
FFh
Page 58
28h
R/W
Interrupt Enable 2
Enables Interrupts associated with
GPIOs 1 - 8
00h
Page 58
29h
R/W
Sleep Channel
Control
Determines the number and which
channels are measured during
Sleep
00h
Page 60
2Ah
R/W
Multiple Press
Configuration
Determines the number of
simultaneous presses to flag a
multiple press condition
82h
Page 61
2Bh
R/W
Lid Closure
Configuration
Controls Lid Closure detection and
operation
00h
Page 62
2Ch
R/W
Lid Closure Queue
Control
Controls how many samples must
exceed the lid closure threshold for
Button and Slider operation
02h
Page 62
2Dh
R/W
Lid Closure Pattern 1
Stores pattern bits for lid closure
detection for channels 1 - 7
7Fh
Page 63
2Eh
R/W
Lid Closure Pattern 2
Stores pattern bits for lid closure
detection for channels 8 - 14
7Fh
Page 63
2Fh
R/W
Recalibration
Configuration
Determines re-calibration timing
and sampling window
93h
Page 63
30h
R/W
Sensor 1 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 1
40h
Page 65
31h
R/W
Sensor 2 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 2
40h
Page 65
32h
R/W
Sensor 3 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 3
40h
Page 65
33h
R/W
Sensor 4 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 4
40h
Page 65
34h
R/W
Sensor 5 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 5
40h
Page 65
35h
R/W
Sensor 6 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 6
40h
Page 65
36h
R/W
Sensor 7 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 7
40h
Page 65
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com